Electronic Components Datasheet Search
  English  ▼

X  

38C3 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 38C3
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38C3 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 38C3 Datasheet HTML 12Page - Renesas Technology Corp 38C3 Datasheet HTML 13Page - Renesas Technology Corp 38C3 Datasheet HTML 14Page - Renesas Technology Corp 38C3 Datasheet HTML 15Page - Renesas Technology Corp 38C3 Datasheet HTML 16Page - Renesas Technology Corp 38C3 Datasheet HTML 17Page - Renesas Technology Corp 38C3 Datasheet HTML 18Page - Renesas Technology Corp 38C3 Datasheet HTML 19Page - Renesas Technology Corp 38C3 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
15
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
INTERRUPTS
Interrupts occur by sixteen sources: six external, nine internal, and
one software.
Interrupt Control
Each interrupt except the BRK instruction interrupt have both an in-
terrupt request bit and an interrupt enable bit, and is controlled by the
interrupt disable flag. An interrupt occurs if the corresponding inter-
rupt request and enable bits are “1” and the interrupt disable flag is
“0”.
Interrupt enable bits can be set or cleared by software. Interrupt re-
quest bits can be cleared by software, but cannot be set by software.
The BRK instruction interrupt and reset cannot be disabled with any
flag or bit. The I flag disables all interrupts except the BRK instruction
interrupt and reset. If several interrupts requests occurs at the same
time the interrupt with highest priority is accepted first.
Interrupt Operation
By acceptance of an interrupt, the following operations are automati-
cally performed:
1. The processing being executed is stopped.
2. The contents of the program counter and processor status reg-
ister are automatically pushed onto the stack.
3. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
4. The interrupt jump destination address is read from the vector
table into the program counter.
sNotes on Interrupts
When the active edge of an external interrupt (INT0 – INT2, CNTR0
or CNTR1) is set or an vector interrupt source where several interrupt
source is assigned to the same vector address is switched, the cor-
responding interrupt request bit may also be set. Therefore, take fol-
lowing sequence:
(1) Disable the interrupt.
(2) Change the active edge in interrupt edge selection register.
(3) Clear the set interrupt request bit to “0.”
(4) Enable the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com