Electronic Components Datasheet Search
  English  ▼

X  

4280 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 4280
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4280 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 4280 Datasheet HTML 3Page - Renesas Technology Corp 4280 Datasheet HTML 4Page - Renesas Technology Corp 4280 Datasheet HTML 5Page - Renesas Technology Corp 4280 Datasheet HTML 6Page - Renesas Technology Corp 4280 Datasheet HTML 7Page - Renesas Technology Corp 4280 Datasheet HTML 8Page - Renesas Technology Corp 4280 Datasheet HTML 9Page - Renesas Technology Corp 4280 Datasheet HTML 10Page - Renesas Technology Corp 4280 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Fig. 1 AMC instruction execution example
Fig. 2 RAR instruction execution example
Fig. 3 Registers A, B and register E
(CY)
(M(DP))
(A)
Addition
ALU
<Carry>
<Result>
CY
A3 A2 A1 A0
A0
CY A3 A2 A1
<Rotation>
RAR instruction
<Set>
SC instruction
<Clear>
RC instruction
FUNCTION BLOCK OPERATIONS
CPU
(1) Arithmetic logic unit (ALU)
The arithmetic logic unit ALU performs 4-bit arithmetic such
as 4-bit data addition, comparison, and bit manipulation.
(2) Register A and carry flag
Register A is a 4-bit register used for arithmetic, transfer,
exchange, and I/O operation.
Carry flag CY is a 1-bit flag that is set to “1” when there is a
carry with the AMC instruction (Figure 1).
It is unchanged with both A n instruction and AM instruction.
The value of A0 is stored in carry flag CY with the RAR
instruction (Figure 2).
Carry flag CY can be set to “1” with the SC instruction and
cleared to “0” with the RC instruction.
(3) Registers B and E
Register B is a 4-bit register used for temporary storage of 4-
bit data, and for 8-bit data transfer together with register A.
Register E is an 8-bit register. It can be used for 8-bit data
transfer with register B used as the high-order 4 bits and
register A as the low-order 4 bits (Figure 3).
(4) Register D
Register D is a 3-bit register.
It is used to store a 7-bit ROM address together with register
A and is used as a pointer within the specified page when the
TABP p, BLA p, or BMLA p instruction is executed (Figure 4).
A3 A2 A1 A0
B3 B2 B1 B0
ER7ER6ER5ER4ER3ER2ER1ER0
A3 A2 A1 A0
B3 B2 B1 B0
TAB instruction
TEAB instruction
TABE instruction
TBA instruction
Register B
Register A
Register B
Register A
Register E
Fig. 4 TABP p instruction execution example
Specifying address
p3 p2 p1 p0
PCH
DR2 DR1 DR0 A3 A2 A1 A0
PCL
Immediate field
value p
The contents
of register D
The contents
of register A
ROM
8
40
TABP p instruction
Low-order 4 bits
Middle-order 4 bits
Most significant 1 bit
URS flag (1)
URSC instruction
Register A (4)
Register B (4)
Carry flag CY (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com