Electronic Components Datasheet Search
  English  ▼

X  

4280 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4280
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4280 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4280 Datasheet HTML 11Page - Renesas Technology Corp 4280 Datasheet HTML 12Page - Renesas Technology Corp 4280 Datasheet HTML 13Page - Renesas Technology Corp 4280 Datasheet HTML 14Page - Renesas Technology Corp 4280 Datasheet HTML 15Page - Renesas Technology Corp 4280 Datasheet HTML 16Page - Renesas Technology Corp 4280 Datasheet HTML 17Page - Renesas Technology Corp 4280 Datasheet HTML 18Page - Renesas Technology Corp 4280 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
14
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
CARRIER GENERATING CIRCUIT
The 4280 Group can output the various carrier waveforms by
the carrier wave selection register C.
Set the contents of this register through register A with the TCA
instruction. The TAC instruction can be used to transfer the
contents of register C to register A. When the TCA instruction is
executed, the output latch of port CARR is cleared to “0.”
The carrier waveform selected by setting register C can be output
from port CARR by setting port CARR output latch to “1.” When
the CARR output latch is cleared to “0,” carrier wave output is
stopped and port CARR output is fixed to “L” level. The CARR
output latch can be set through bit 3 (A3) of register A with the
OCRA instruction.
The relationship between the setting value of register C and
selected waveform is described below.
Also, timer 1 can auto-control the carrier wave output from port
CARR by setting the timer control register V1.
Fig. 15 Carrier wave selection register
No carrier wave
C2
1/4
1/2
1/2
1/3
1/2
O CRA
LA
0
LA
8
O CRA
(TC A)
f(XIN)/4
1/2
(Note)
Carrier wave selection register C (at reset: 1112, at RAM back-up: 1112)
Register C
setting value
C1 C0
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
“H”
“L”
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Output waveform
Carrier wave
Frequency
Duty
System clock/
12
System clock/
8
System clock
“L” level fixed
Note: This carrier wave can be used only when system clock f(XIN)/8 is selected.
The carrier wave output is fixed to “L” level when system clock f(XIN) is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com