Electronic Components Datasheet Search
  English  ▼

X  

4280 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 4280
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4280 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 4280 Datasheet HTML 6Page - Renesas Technology Corp 4280 Datasheet HTML 7Page - Renesas Technology Corp 4280 Datasheet HTML 8Page - Renesas Technology Corp 4280 Datasheet HTML 9Page - Renesas Technology Corp 4280 Datasheet HTML 10Page - Renesas Technology Corp 4280 Datasheet HTML 11Page - Renesas Technology Corp 4280 Datasheet HTML 12Page - Renesas Technology Corp 4280 Datasheet HTML 13Page - Renesas Technology Corp 4280 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
9
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Fig. 10 ROM map of M34280M1
PROGRAM MEMORY (ROM)
The program memory is a mask ROM. 1 word of ROM is
composed of 9 bits. ROM is separated every 128 words by the
unit of page (addresses 0 to 127).
Table 1 ROM size and pages
Fig. 11 RAM map
Page 2 (addresses 010016 to 017F16) is the special page for
subroutine calls. Subroutines written in this page can be called
from any page with the 1-word instruction (BM). Subroutines
extending from page 2 to another page can also be called with
the BM instruction when it starts on page 2.
ROM pattern of all addresses can be used as data areas with
the TABP p instruction.
DATA MEMORY (RAM)
1 word of RAM is composed of 4 bits, but 1-bit manipulation
(with the SB j, RB j, and SZB j instructions) is enabled for the
entire memory area. A RAM address is specified by a data
pointer. The data pointer consists of registers X and Y. Set a
value to the data pointer certainly when executing an instruction
to access RAM.
Table 2 shows the RAM size. Figure 12 shows the RAM map.
Product
M34280M1
M34280E1
ROM size (! 9 bits)
1024 words
Pages
8 (0 to 7)
Product
M34280M1
M34280E1
RAM size
32 words ! 4 bits (128 bits)
Table 2 RAM size
Register X
0
1
2
3
4
5
6
7
0 1
RAM 32 words
× 4 bits (128 bits)
23
32 words
0
876
54321
000016
008016
017F16
Subroutine special page
007F16
00FF16
010016
03FF16
018016
Page 1
Page 2
Page 0
Page 3
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com