Electronic Components Datasheet Search
  English  ▼

X  

4519 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4519
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4519 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4519 Datasheet HTML 45Page - Renesas Technology Corp 4519 Datasheet HTML 46Page - Renesas Technology Corp 4519 Datasheet HTML 47Page - Renesas Technology Corp 4519 Datasheet HTML 48Page - Renesas Technology Corp 4519 Datasheet HTML 49Page - Renesas Technology Corp 4519 Datasheet HTML 50Page - Renesas Technology Corp 4519 Datasheet HTML 51Page - Renesas Technology Corp 4519 Datasheet HTML 52Page - Renesas Technology Corp 4519 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 162 page
background image
4519 Group
Rev.3.01
2005.06.15
page 49 of 160
REJ03B0007-0301
(1) A/D control register
• A/D control register Q1
Register Q1 controls the selection of A/D operation mode and the
selection of analog input pins. Set the contents of this register
through register A with the TQ1A instruction. The TAQ1 instruc-
tion can be used to transfer the contents of register Q1 to register
A.
• A/D control register Q2
Register Q2 controls the selection of P40/AIN4–P43/AIN7, P60/
AIN0–P63/AIN3. Set the contents of this register through register A
with the TQ2A instruction. The TAQ2 instruction can be used to
transfer the contents of register Q2 to register A.
• A/D control register Q3
Register Q3 controls the selection of A/D converter operation
clock. Set the contents of this register through register A with the
TQ3A instruction. The TAQ3 instruction can be used to transfer
the contents of register Q3 to register A.
(2) Operating at A/D conversion mode
The A/D conversion mode is set by setting the bit 3 of register Q1 to “0.”
(3) Successive comparison register AD
Register AD stores the A/D conversion result of an analog input in
10-bit digital data format. The contents of the high-order 8 bits of
this register can be stored in register B and register A with the
TABAD instruction. The contents of the low-order 2 bits of this reg-
ister can be stored into the high-order 2 bits of register A with the
TALA instruction. However, do not execute these instructions dur-
ing A/D conversion.
When the contents of register AD is n, the logic value of the com-
parison voltage Vref generated from the built-in D/A converter can
be obtained with the reference voltage VDD by the following for-
mula:
Logic value of comparison voltage Vref
Vref =
✕ n
n: The value of register AD (n = 0 to 1023)
VDD
1024
(4) A/D conversion completion flag (ADF)
A/D conversion completion flag (ADF) is set to “1” when A/D con-
version completes. The state of ADF flag can be examined with the
skip instruction (SNZAD). Use the interrupt control register V2 to
select the interrupt or the skip instruction.
The ADF flag is cleared to “0” when the interrupt occurs or when
the next instruction is skipped with the skip instruction.
(5) A/D conversion start instruction (ADST)
A/D conversion starts when the ADST instruction is executed. The
conversion result is automatically stored in the register AD.
(6) Operation description
A/D conversion is started with the A/D conversion start instruction
(ADST). The internal operation during A/D conversion is as follows:
➀ When the A/D conversion starts, the register AD is cleared to
“00016.”
➁ Next, the topmost bit of the register AD is set to “1,” and the com-
parison voltage Vref is compared with the analog input voltage
VIN.
➂ When the comparison result is Vref < VIN, the topmost bit of the
register AD remains set to “1.” When the comparison result is Vref
> VIN, it is cleared to “0.”
The 4519 Group repeats this operation to the lowermost bit of the
register AD to convert an analog value to a digital value. A/D con-
version stops after 2 machine cycles + A/D conversion clock (31
µs
when f(XIN) = 6.0 MHz in XIN through mode, f(ADCK) = f(INSTCK)/
6) from the start, and the conversion result is stored in the register
AD. An A/D interrupt activated condition is satisfied and the ADF
flag is set to “1” as soon as A/D conversion completes (Figure 38).
Table 13 Change of successive comparison register AD during A/D conversion
Comparison voltage (Vref) value
Change of successive comparison register AD
At starting conversion
±
±
±
±
±
✼1: 1st comparison result
✼3: 3rd comparison result
✼9: 9th comparison result
✼2: 2nd comparison result
✼8: 8th comparison result
✼A: 10th comparison result
1st comparison
2nd comparison
3rd comparison
After 10th comparison
completes
1
✼1
✼1
✼1
-----
-----
-----
-----
0
1
✼2
✼2
0
0
1
✼3
0
0
0
✼8
0
0
0
✼9
0
0
0
✼A
A/D conversion result
VDD
2
VDD
2
VDD
2
VDD
2
VDD
4
VDD
4
VDD
8
VDD
1024
-------------
-------------
-------------
-------------
-------------
-------------
-------------
-------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com