Electronic Components Datasheet Search
  English  ▼

X  

4519 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 4519
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4519 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 4519 Datasheet HTML 55Page - Renesas Technology Corp 4519 Datasheet HTML 56Page - Renesas Technology Corp 4519 Datasheet HTML 57Page - Renesas Technology Corp 4519 Datasheet HTML 58Page - Renesas Technology Corp 4519 Datasheet HTML 59Page - Renesas Technology Corp 4519 Datasheet HTML 60Page - Renesas Technology Corp 4519 Datasheet HTML 61Page - Renesas Technology Corp 4519 Datasheet HTML 62Page - Renesas Technology Corp 4519 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 162 page
background image
4519 Group
Rev.3.01
2005.06.15
page 59 of 160
REJ03B0007-0301
Fig. 48 Structure of reset pin and its peripherals,, and power-on reset operation
Name
D0–D5
D6/CNTR0
D7/CNTR1
P00–P03
P10–P13
P20/SCK, P21/SOUT, P22/SIN
P30/INT0, P31/INT1, P32, P33
P40/AIN4–P43/AIN7
P50–P53
P60/AIN0–P63/AIN3
Notes 1: Output latch is set to “1.”
2: Output structure is N-channel open-drain.
3: Pull-up transistor is turned OFF.
Function
D0–D5
D6
D7
P00–P03
P10–P13
P20–P22
P30–P33
P40–P43
P50–P53
P60–P63
State
High-impedance (Notes 1, 2)
High-impedance (Notes 1, 2)
High-impedance (Notes 1, 2)
High-impedance (Notes 1, 2, 3)
High-impedance (Notes 1, 2, 3)
High-impedance (Note 1)
High-impedance (Note 1)
High-impedance (Note 1)
High-impedance (Notes 1, 2)
High-impedance (Note 1)
(1) Power-on reset
Reset can be automatically performed at power on (power-on re-
set) by the built-in power-on reset circuit. When the built-in
power-on reset circuit is used, the time for the supply voltage to
rise from 0 V until the value of supply voltage reaches the minimum
operating voltage must be set to 100
µs or less.
If the rising time exceeds 100
µs, connect a capacitor between the
RESET pin and VSS at the shortest distance, and input “L” level to
RESET pin until the value of supply voltage reaches the minimum
operating voltage.
Table 1 Port state at reset
RESET pin
WEF
Watchdog reset signal
(Note 1)
Pull-up transistor
(Note 1)
Power-on reset circuit
Voltage drop detection circuit
VDD (Note 3)
100
µs or less
(Note 2)
Internal reset signal
Power-on
Reset released
Internal reset signal
Reset
state
Notes 1:
This symbol represents a parasitic diode.
2: Applied potential to RESET pin must be VDD or less.
3: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Power-on reset circuit output
SRST instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com