Electronic Components Datasheet Search
  English  ▼

X  

4519 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 4519
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4519 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 4519 Datasheet HTML 60Page - Renesas Technology Corp 4519 Datasheet HTML 61Page - Renesas Technology Corp 4519 Datasheet HTML 62Page - Renesas Technology Corp 4519 Datasheet HTML 63Page - Renesas Technology Corp 4519 Datasheet HTML 64Page - Renesas Technology Corp 4519 Datasheet HTML 65Page - Renesas Technology Corp 4519 Datasheet HTML 66Page - Renesas Technology Corp 4519 Datasheet HTML 67Page - Renesas Technology Corp 4519 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 162 page
background image
Rev.3.01
2005.06.15
page 64 of 160
REJ03B0007-0301
4519 Group
(4) Return signal
An external wakeup signal is used to return from the RAM back-up
mode because the oscillation is stopped. Table 19 shows the return
condition for each return source.
(5) Related registers
• Key-on wakeup control register K0
Register K0 controls the ports P0 and P1 key-on wakeup func-
tion. Set the contents of this register through register A with the
TK0A instruction. In addition, the TAK0 instruction can be used to
transfer the contents of register K0 to register A.
• Key-on wakeup control register K1
Register K1 controls the return condition and valid waveform/
level selection for port P0. Set the contents of this register
through register A with the TK1A instruction. In addition, the
TAK1 instruction can be used to transfer the contents of register
K1 to register A.
• Key-on wakeup control register K2
Register K2 controls the INT0 and INT1 key-on wakeup functions
and return condition function. Set the contents of this register
through register A with the TK2A instruction. In addition, the
TAK2 instruction can be used to transfer the contents of register
K2 to register A.
Table 19 Return source and return condition
Remarks
The key-on wakeup function can be selected with 2 port units. Select the re-
turn level (“L” level or “H” level), and return condition (return by level or
edge) with the register K1 according to the external state before going into
the RAM back-up state.
The key-on wakeup function can be selected with 2 port units. Set the port
using the key-on wakeup function to “H” level before going into the RAM
back-up state.
Select the return level (“L” level or “H” level) with the registers I1 and I2 ac-
cording to the external state, and return condition (return by level or edge)
with the register K2 before going into the RAM back-up state.
Return condition
Return by an external “H” level or
“L” level input, or rising edge
( “ L ”
→ “ H ” ) or falling edge
(“H”
→“L”).
Return by an external “L” level in-
put.
Return by an external “H” level or
“L” level input, or rising edge
( “ L ”
→ “ H ” ) or falling edge
(“H”
→“L”).
The external interrupt request flags
(EXF0, EXF1) are not set.
Return source
Ports P00–P03
Ports P10–P13
INT0
INT1
• Pull-up control register PU0
Register PU0 controls the ON/OFF of the port P0 pull-up transis-
tor. Set the contents of this register through register A with the
TPU0A instruction. In addition, the TAPU0 instruction can be
used to transfer the contents of register PU0 to register A.
• Pull-up control register PU1
Register PU1 controls the ON/OFF of the port P1 pull-up transis-
tor. Set the contents of this register through register A with the
TPU1A instruction. In addition, the TAPU1 instruction can be
used to transfer the contents of register PU0 to register A.
• External interrupt control register I1
Register I1 controls the valid waveform of external 0 interrupt, in-
put control of INT0 pin, and return input level. Set the contents of
this register through register A with the TI1A instruction. In addi-
tion, the TAI1 instruction can be used to transfer the contents of
register I1 to register A.
• External interrupt control register I2
Register I2 controls the valid waveform of external 1 interrupt, in-
put control of INT1 pin, and return input level. Set the contents of
this register through register A with the TI2A instruction. In addi-
tion, the TAI2 instruction can be used to transfer the contents of
register I2 to register A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com