Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 4551
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 55Page - Renesas Technology Corp 4551 Datasheet HTML 56Page - Renesas Technology Corp 4551 Datasheet HTML 57Page - Renesas Technology Corp 4551 Datasheet HTML 58Page - Renesas Technology Corp 4551 Datasheet HTML 59Page - Renesas Technology Corp 4551 Datasheet HTML 60Page - Renesas Technology Corp 4551 Datasheet HTML 61Page - Renesas Technology Corp 4551 Datasheet HTML 62Page - Renesas Technology Corp 4551 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
58
MITSUBISHI MICROCOMPUTERS
4551 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for
INFRARED REMOTE CONTROL TRANSMITTER
CONTROL REGISTERS
V13
V12
V11
V10
Timer 2 interrupt enable bit
Timer 1 interrupt enable bit
Not used
External 0 interrupt enable bit
0
1
0
1
0
1
0
1
Interrupt disabled (SNZT2 instruction is valid)
Interrupt enabled (SNZT2 instruction is invalid)
Interrupt disabled (SNZT1 instruction is valid)
Interrupt enabled (SNZT1 instruction is invalid)
This bit has no function, but read/write is enabled.
Interrupt disabled (SNZ0 instruction is valid)
Interrupt enabled (SNZ0 instruction is invalid)
Interrupt control register V1
at reset : 00002
at power down : 00002
R/W
Prescaler control bit
Prescaler dividing ratio selection bit
Timer 1 count source selection bits
Timer control register W1
W13
W12
W11
W10
at reset : 00002
at power down : 00002
0
1
0
1
R/W
Stop (prescaler state initialized)
Operating
Instruction clock (INSTCK) divided by 4
Instruction clock (INSTCK) divided by 8
Count source
Prescaler output (ORCLK)
Carrier output (CARRY)
Carrier output divided by 2 (CARRY/2)
W11
0
0
1
1
W10
0
1
0
1
Timer control register W2
at reset : 10002
at power down : – – – 02
R/W
0
1
f(XCIN)
Prescaler output (ORCLK)
W23
W22
W21
W20
Timer 2 count source selection bit
Timer 2 count value selection bits
Timer 1 control bit
W22
0
0
1
1
W21
0
1
0
1
Count source
Underflow occur every 214 count
Underflow occur every 213 count
Not available
Not available
Stop (timer 1 state retained)
Operating
0
1
Timer control register W3
at reset : 002
at power down : state retained
R/W
0
1
0
1
Bit 3 of timer 2 is output (timer 2 count source divided by 16)
State clock (STCK)
Stop (timer LC state retained)
Operating
W31
W30
Timer LC count source selection bit
Timer LC control bit
Note: “R” represents read enabled, and “W” represents write enabled.
“–” represents state retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com