Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 4551
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 60Page - Renesas Technology Corp 4551 Datasheet HTML 61Page - Renesas Technology Corp 4551 Datasheet HTML 62Page - Renesas Technology Corp 4551 Datasheet HTML 63Page - Renesas Technology Corp 4551 Datasheet HTML 64Page - Renesas Technology Corp 4551 Datasheet HTML 65Page - Renesas Technology Corp 4551 Datasheet HTML 66Page - Renesas Technology Corp 4551 Datasheet HTML 67Page - Renesas Technology Corp 4551 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
63
MITSUBISHI MICROCOMPUTERS
4551 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for
INFRARED REMOTE CONTROL TRANSMITTER
Unit
V
V
µA
µA
µA
mA
µA
µA
µA
k
Ω
k
Ω
V
V
k
Ω
k
Ω
k
Ω
Max.
0.9
0.9
1
1
5.0
65
20
1.0
10
125
250
70
130
6.5
8
9
11
1200
ELECTRICAL CHARACTERISTICS
(Mask ROM version:Ta = –20
°C to 70 °C, VDD = 2.2 V to 5.5 V, unless otherwise noted)
(One Time PROM version:Ta = –20
°C to 70 °C, VDD = 2.5 V to 5.5 V, unless otherwise noted)
Limits
Symbol
VOL
VOH
IIH
IIL
IOZ
IDD
RPH
VT+ – VT–
RCOM
RSEG
RVLC
Parameter
“L” level output voltage
P0, P1, D0–D7, CARR, RESET
“H” level output voltage CARR
“H” level input current P0, P1, P2, RESET
“L” level input current P1, P2
Output current at off-state D0–D7
Supply current
(Note 2)
Pull-up resistor
value
Hysteresis
COM output impedance
SEG output impedance
LCD power supply internal resistor value
(Note 3)
Test conditions
IOL = 5 mA
IOL = 2 mA
IOH = –15 mA
IOH = –7 mA
VI = VDD (Note 1)
VI = 0 V (Note 1)
VO = VDD
VDD = 5.0 V, f(XCIN) = 32 kHz, f(XIN) = 8 MHz
STCK = f(XIN)/4
VDD = 5.0 V
f(XCIN) = 32 kHz
STCK = f(XIN)
VDD = 3.0 V, f(XCIN) = 32 kHz, f(XIN) = 4 MHz
STCK = f(XIN)/4
VDD = 3.0 V
f(XCIN) = 32 kHz
STCK = f(XIN)
VDD = 5.0 V
f(XIN) = stop
f(XCIN) = 32 kHz
VDD = 3.0 V
f(XIN) = stop
f(XCIN) = 32 kHz
f(XIN) = stop
f(XCIN) = 32 kHz
Ta=25
°C
f(XIN) = stop
f(XCIN) = 32 kHz
f(XIN) = stop, f(XCIN) = stop, Ta = 25
°C
f(XIN) = stop, f(XCIN) = stop
VDD = 5.0 V, VI = 0 V
VDD = 3.0 V, VI = 0 V
VDD = 5.0 V, VI = 0 V
VDD = 3.0 V, VI = 0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
Impedance between VLC3 and VSS
Ta=25
°C
Typ.
2.5
0.1
50
100
30
60
0.5
0.4
1.5
0.6
1.3
1.6
1.8
2.2
600
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
at active high-speed mode
while LCD is operating
at active low-speed mode
while LCD is operating
at clock operating mode
while LCD is operating
at RAM back-up mode
P0, P1
RESET
INT
RESET
f(XIN) = 2 MHz
f(XIN) = 1 MHz
f(XIN) = 1 MHz
f(XIN) = 500 kHz
STCK = f(XCIN)/4
STCK = f(XCIN)
STCK = f(XCIN)/4
STCK = f(XCIN)
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
Min.
2.4
1.0
–1
20
40
12
25
300
2.3
1.4
0.7
0.6
0.4
60
75
25
30
27.5
10
Notes 1: In this case, the pull-up transistor of port P1 is turned off and the port P2 function is selected by software.
2: The current value includes the current dissipation of the LCD power supply internal resistor (RVLC).
3: VLC3=VDD.
4.6
2.8
1.4
1.2
0.8
140
180
60
80
60
17.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com