Electronic Components Datasheet Search
  English  ▼

X  

4551 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 4551
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4551 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 4551 Datasheet HTML 9Page - Renesas Technology Corp 4551 Datasheet HTML 10Page - Renesas Technology Corp 4551 Datasheet HTML 11Page - Renesas Technology Corp 4551 Datasheet HTML 12Page - Renesas Technology Corp 4551 Datasheet HTML 13Page - Renesas Technology Corp 4551 Datasheet HTML 14Page - Renesas Technology Corp 4551 Datasheet HTML 15Page - Renesas Technology Corp 4551 Datasheet HTML 16Page - Renesas Technology Corp 4551 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
12
MITSUBISHI MICROCOMPUTERS
4551 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for
INFRARED REMOTE CONTROL TRANSMITTER
DATA MEMORY (RAM)
1 word of RAM is composed of 4 bits, but 1-bit manipulation
(with the SB j, RB j, and SZB j instructions) is enabled for the
entire memory area. A RAM address is specified by a data
pointer. The data pointer consists of registers Z, X, and Y. Set a
value to the data pointer certainly when executing an instruction
to access RAM.
RAM includes the area corresponding to the LCD. A segment is
turned on automatically when “1” is written in the bit
corresponding to the segment.
Table 2 shows the RAM size. Figure 12 shows the RAM map.
Table 2 RAM size
Product
M34551M4
M34551E8
RAM size
280 words ! 4 bits (1120 bits)
Register Z
Register X
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
0 1
•••
7
RAM 280 words ! 4 bits (1120 bits)
23
615
••••••
280 words
01
2
1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
The area marked “–” (Z = 1, X = 0 to 2, Y = 0 to 7) is not a memory area.
The numbers in the shaded area indicate the corresponding segment output pin numbers.
Notes 1:
2:
Fig. 12 RAM map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com