Electronic Components Datasheet Search
  English  ▼

X  

4552 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 4552
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4552 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 4552 Datasheet HTML 60Page - Renesas Technology Corp 4552 Datasheet HTML 61Page - Renesas Technology Corp 4552 Datasheet HTML 62Page - Renesas Technology Corp 4552 Datasheet HTML 63Page - Renesas Technology Corp 4552 Datasheet HTML 64Page - Renesas Technology Corp 4552 Datasheet HTML 65Page - Renesas Technology Corp 4552 Datasheet HTML 66Page - Renesas Technology Corp 4552 Datasheet HTML 67Page - Renesas Technology Corp 4552 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 64 of 142
REJ03B0023-0302
4552 Group
➅ Timer count source
Stop timer 1, 2 and LC counting to change its count source.
➆ Reading the count value
Stop timer 1 or 2 counting and then execute the data read in-
struction (TAB1, TAB2) to read its data.
➇ Writing to the timer
Stop timer 1, 2 or LC counting and then execute the data write in-
struction (T1AB, T2AB, TLCA) to write its data.
➈ Writing to reload register R1, R2H
When writing data to reload register R1, reload register R2H
while timer 1 or timer 2 is operating, avoid a timing when timer 1
or timer 2 underflows.
Timer 2
Avoid a timing when timer 2 underflows to stop timer 2 at PWM
output function used.
When “H” interval extension function of the PWM signal is set to
be “valid”, set “1” or more to reload register R2H.
Timer 3
Stop timer 3 counting to change its count source.
Timer input/output pin
Set the port C output latch to “0” to output the PWM signal from
C/CNTR pin.
LIST OF PRECAUTIONS
➀ Noise and latch-up prevention
Connect a capacitor on the following condition to prevent noise
and latch-up;
• connect a bypass capacitor (approx. 0.1
µF) between pins VDD
and VSS at the shortest distance,
• equalize its wiring in width and length, and
• use relatively thick wire.
In the One Time PROM version, CNVSS pin is also used as VPP
pin. Accordingly, when using this pin, connect this pin to VSS
through a resistor about 5 k
Ω (connect this resistor to CNVSS/
VPP pin as close as possible).
In addtion, the MCU may be replaced with mask ROM version
without the need to remove the resistor from the circuit and with-
out any adverse effect on operation.
➁ Register initial values 1
The initial value of the following registers are undefined after sys-
tem is released from reset. After system is released from reset,
set initial values.
• Register Z (2 bits)
• Register D (3 bits)
• Register E (8 bits)
➂ Register initial values 2
The initial value of the following registers are undefined at RAM back-
up. After system is returned from RAM back-up, set initial values.
• Register Z (2 bits)
• Register X (4 bits)
• Register Y (4 bits)
• Register D (3 bits)
• Register E (8 bits)
➃ Stack registers (SKS)
Stack registers (SKs) are eight identical registers, so that subrou-
tines can be nested up to 8 levels. However, one of stack
registers is used respectively when using an interrupt service
routine and when executing a table reference instruction. Accord-
ingly, be careful not to over the stack when performing these
operations together.
➄ Prescaler
Stop counting and then execute the TABPS instruction to read
from prescaler data.
Stop counting and then execute the TPSAB instruction to set
prescaler data.
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com