Electronic Components Datasheet Search
  English  ▼

X  

4552 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 4552
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4552 Datasheet(HTML) 1 Page - Renesas Technology Corp

  4552 Datasheet HTML 1Page - Renesas Technology Corp 4552 Datasheet HTML 2Page - Renesas Technology Corp 4552 Datasheet HTML 3Page - Renesas Technology Corp 4552 Datasheet HTML 4Page - Renesas Technology Corp 4552 Datasheet HTML 5Page - Renesas Technology Corp 4552 Datasheet HTML 6Page - Renesas Technology Corp 4552 Datasheet HTML 7Page - Renesas Technology Corp 4552 Datasheet HTML 8Page - Renesas Technology Corp 4552 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 145 page
background image
DESCRIPTION
The 4552 Group is a 4-bit single-chip microcomputer designed with
CMOS technology. Its CPU is that of the 4500 series using a
simple, high-speed instruction set. The computer is equipped with
two 8-bit timers (each timer has one or two reload registers), a 16-
bit timer for clock count, interrupts, and oscillation circuit switch
function.
The various microcomputers in the 4552 Group include variations
of the built-in memory size as shown in the table below.
FEATURES
qMinimum instruction execution time
Mask ROM version .............................................................. 0.5
µs
(at 6 MHz oscillation frequency, in high-speed through-mode)
One Time PROM version ................................................... 0.68
µs
(at 4.4 MHz oscillation frequency, in high-speed through-mode)
qSupply voltage
Mask ROM version ...................................................... 1.8 to 5.5 V
One Time PROM version ............................................. 1.8 to 3.6 V
(It depends on operation source clock, oscillation frequency and op-
eration mode)
qTimers
Timer 1 ...................................... 8-bit timer with a reload register
Timer 2 ................................. 8-bit timer with two reload registers
Timer 3 .............................. 16-bit timer (fixed dividing frequency)
Part number
ROM type
Mask ROM
Mask ROM
One Time PROM
Mask ROM
Mask ROM
One Time PROM
Package
48P6S-A
48P6S-A
48P6S-A
48P6S-A
48P6S-A
48P6S-A
RAM size
(✕ 4 bits)
288 words
288 words
288 words
288 words
288 words
288 words
ROM (PROM) size
(✕ 10 bits)
4096 words
8192 words
8192 words
4096 words
8192 words
8192 words
qInterrupt ........................................................................ 4 sources
qKey-on wakeup function pins ..................................................... 9
q LCD control circuit
Segment output ........................................................................ 28
Common output .......................................................................... 4
qVoltage drop detection circuit (only H version)
Reset occurrence .................................... Typ. 1.8 V (Ta = 25 °C)
Reset release .......................................... Typ. 1.9 V (Ta = 25 °C)
qWatchdog timer
qClock generating circuit
Built-in clock
(on-chip oscillator)
Main clock
(ceramic resonator/RC oscillation)
Sub-clock
(quartz-crystal oscillation)
qLED drive directly enabled (port D)
APPLICATION
Remote control transmitter
Note: Shipped in blank.
M34552M4-XXXFP
M34552M8-XXXFP
M34552G8FP (Note)
M34552M4H-XXXFP
M34552M8H-XXXFP
M34552G8HFP (Note)
4552 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
REJ03B0023-0302
Rev.3.02
2006.12.22
Rev.3.02
Dec 22, 2006
page 1 of 142
REJ03B0023-0302


Similar Part No. - 4552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4552 ETC2-4552 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Heyco.
4552 HEYCO-4552 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4552 RAF-4552 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4552-256-AL RAF-4552-256-AL Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
4552-256-AL-7 RAF-4552-256-AL-7 Datasheet
248Kb / 1P
1/4 HEX MALE-FEMALE STANDOFFS
v1 9/26/08 10:07 PM
More results

Similar Description - 4552

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP402 SONY-CXP402 Datasheet
265Kb / 16P
CMOS 4-bit Single Chip Microcomputer
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP5080 SONY-CXP5080 Datasheet
148Kb / 6P
CMOS 4-bit Single Chip Microcomputer
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
455A RENESAS-455A Datasheet
3Mb / 148P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com