Electronic Components Datasheet Search
  English  ▼

X  

4552 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 4552
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4552 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 4552 Datasheet HTML 81Page - Renesas Technology Corp 4552 Datasheet HTML 82Page - Renesas Technology Corp 4552 Datasheet HTML 83Page - Renesas Technology Corp 4552 Datasheet HTML 84Page - Renesas Technology Corp 4552 Datasheet HTML 85Page - Renesas Technology Corp 4552 Datasheet HTML 86Page - Renesas Technology Corp 4552 Datasheet HTML 87Page - Renesas Technology Corp 4552 Datasheet HTML 88Page - Renesas Technology Corp 4552 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.02
Dec 22, 2006
page 85 of 142
REJ03B0023-0302
4552 Group
LZ z (Load register Z with z)
00010010z1
z0
04
11
–
–
Grouping:
RAM addresses
Description: Loads the value z in the immediate field to
register Z.
Operation:
(Z)
← z z = 0 to 3
8
+z
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
NOP (No OPeration)
0000000000
000
11
––
Grouping:
Other operation
Description: No operation; Adds 1 to program counter
value, and others remain unchanged.
Operation:
(PC)
← (PC) + 1
OP0A (Output port P0 from Accumulator)
1000100000
220
11
–
–
Grouping:
Input/Output operation
Description: Outputs the contents of register A to port
P0.
Operation:
(P0)
← (A)
OP1A (Output port P1 from Accumulator)
1000100001
221
11
–
–
Grouping:
Input/Output operation
Description: Outputs the contents of register A to port
P1.
Operation:
(P1)
← (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com