| Electronic Components Datasheet Search |
|
7516 Datasheet(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7516 Datasheet(HTML) 19 Page - Renesas Technology Corp |
|
19 / 63 page ![]() 18 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 7516 Group (Spec. H) Interrupt Request Generating Conditions Remarks Interrupt Source Low FFFC16 High FFFD16 Priority 1 Table 6 Interrupt vector addresses and priority Notes 1: Vector addresses contain interrupt jump destination addresses. 2: Reset function in the same way as an interrupt with the highest priority. Vector Addresses (Note 1) Reset (Note 2) INT0 SCL, SDA INT1 INT2 INT3 Serial I/O2 I2C Timer X Timer Y Timer 1 Timer 2 Serial I/O1 reception Serial I/O1 transmission CNTR0 CNTR1 A-D converter BRK instruction At reset At detection of either rising or falling edge of INT0 input At detection of either rising or falling edge of INT1 input At detection of either rising or falling edge of INT2 input At detection of either rising or falling edge of INT3 input At completion of serial I/O2 data reception/transmission At completion of data transfer At completion of serial I/O1 data reception At completion of serial I/O1 transfer shift or when transmis- sion buffer is empty At timer X underflow At timer Y underflow At timer 1 underflow At timer 2 underflow Non-maskable External interrupt (active edge selectable) External interrupt (active edge selectable) STP release timer underflow At detection of either rising or falling edge of SCL or SDA input At detection of either rising or falling edge of CNTR0 input At detection of either rising or falling edge of CNTR1 input At completion of A-D conversion At BRK instruction execution External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (active edge selectable) Switch by Serial I/O2/INT3 interrupt source bit FFFA16 FFF816 FFF616 FFF416 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE616 FFE416 FFE216 FFE016 FFDE16 FFFB16 FFF916 FFF716 FFF516 FFF316 FFF116 FFEF16 FFED16 FFEB16 FFE916 FFE716 FFE516 FFE316 FFE116 FFDF16 FFDC16 FFDD16 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 Valid when serial I/O1 is selected Valid when serial I/O1 is selected External interrupt (active edge selectable) External interrupt (active edge selectable) Non-maskable software interrupt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |