Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 2 Page - Renesas Technology Corp

  7516_02 Datasheet HTML 1Page - Renesas Technology Corp 7516_02 Datasheet HTML 2Page - Renesas Technology Corp 7516_02 Datasheet HTML 3Page - Renesas Technology Corp 7516_02 Datasheet HTML 4Page - Renesas Technology Corp 7516_02 Datasheet HTML 5Page - Renesas Technology Corp 7516_02 Datasheet HTML 6Page - Renesas Technology Corp 7516_02 Datasheet HTML 7Page - Renesas Technology Corp 7516_02 Datasheet HTML 8Page - Renesas Technology Corp 7516_02 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
7516 Group (Spec. H)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The 7516 group (Spec. H) is the 8-bit microcomputer based on the
740 family core technology.
The 7516 group (Spec. H) is designed for the household products
and office automation equipment and includes serial I/O functions,
8-bit timer, A-D converter, and I2C-BUS interface.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ............................................................... 16 K to 24 K bytes
RAM ................................................................... 512 to 640 bytes
qProgrammable input/output ports ............................................ 36
qInterrupts ................................................. 17 sources, 16 vectors
qTimers ............................................................................. 8-bit ✕ 4
qSerial I/O1 ................... 8-bit ✕ 1 (UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
qMulti-master I2C-BUS interface (option) ...................... 1 channel
qPWM ............................................................................... 8-bit ✕ 1
qA-D converter ............................................... 10-bit ✕ 6 channels
qWatchdog timer ............................................................ 16-bit ✕ 1
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M37516MXH-XXXKP pin configuration
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 4 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
22
12
34
35
36
37
38
39
40
41
42
43
44
21
20
19
18
17
16
15
14
13
M37516MXH-XXXKP
Package type : 44PJX-A
P17/(LED7)
P13/(LED3)
P14/(LED4)
P15/(LED5)
P16/(LED6)
VSS
XOUT
XIN
RESET
P20/XCOUT
P21/XCIN
P44/INT3/PWM
P35/AN5
P34/AN4
P31/AN1
P30/AN0
VCC
AVSS
P33/AN3
P32/AN2
VREF
P45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com