Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7516_02 Datasheet HTML 18Page - Renesas Technology Corp 7516_02 Datasheet HTML 19Page - Renesas Technology Corp 7516_02 Datasheet HTML 20Page - Renesas Technology Corp 7516_02 Datasheet HTML 21Page - Renesas Technology Corp 7516_02 Datasheet HTML 22Page - Renesas Technology Corp 7516_02 Datasheet HTML 23Page - Renesas Technology Corp 7516_02 Datasheet HTML 24Page - Renesas Technology Corp 7516_02 Datasheet HTML 25Page - Renesas Technology Corp 7516_02 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
21
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7516 Group (Spec. H)
Fig. 17 Block diagram of timer X, timer Y, timer 1, and timer 2
Q
Q
“1”
“0”
P27/CNTR0/SRDY1
Q
Q
P40/CNTR1
“0”
“1”
R
R
“1”
“0”
“0”
“1”
T
T
Prescaler X latch (8)
Prescaler X (8)
Timer X latch (8)
Timer X (8)
To timer X interrupt
request bit
Toggle flip-flop
Timer X count stop bit
Pulse width
measurement
mode
Event
counter
mode
To CNTR0 interrupt
request bit
Pulse output mode
Port P27
latch
Port P27
direction register
CNTR0 active
edge selection
bit
Timer X latch write pulse
Pulse output mode
Timer mode
Pulse output mode
Prescaler Y latch (8)
Prescaler Y (8)
Timer Y latch (8)
Timer Y (8)
To timer Y interrupt
request bit
Toggle flip-flop
Timer Y count stop bit
To CNTR1 interrupt
request bit
Pulse output mode
Port P40
latch
Port P40
direction register
CNTR1 active
edge selection
bit
Timer Y latch write pulse
Pulse output mode
Timer mode
Pulse output mode
Data bus
Data bus
Prescaler 12 latch (8)
Prescaler 12 (8)
Timer 1 latch (8)
Timer 1 (8)
Data bus
Timer 2 latch (8)
Timer 2 (8)
To timer 2 interrupt
request bit
To timer 1 interrupt
request bit
CNTR0 active edge
selection bit
CNTR1 active edge
selection bit
Pulse width
measure-
ment mode
Event
counter
mode
f(XCIN)
Timer 12 count source selection bit
f(XIN)/16
f(XIN)/2
Timer Y count source selection bit
f(XIN)/16
f(XIN)/2
Timer X count source selection bit
f(XIN)/16
(f(XCIN)/16 at low-speed mode)
(f(XCIN)/2 at low-speed mode)
(f(XCIN)/16 at low-speed mode)
(f(XCIN)/2 at low-speed mode)
(f(XCIN)/16 at low-speed mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com