Electronic Components Datasheet Search
  English  ▼

X  

M37702S1AFP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M37702S1AFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37702S1AFP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M37702S1AFP Datasheet HTML 28Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 29Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 30Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 31Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 32Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 33Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 34Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 35Page - Renesas Technology Corp M37702S1AFP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
31
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
ASYNCHRONOUS SERIAL
COMMUNICATION
Asynchronous serial communication can be performed using 7-,
8-, or 9-bit length data. The operation is the same for all data
lengths. The following is the description for 8-bit asynchronous
communication.
With 8-bit asynchronous communication, the bit 0 of UARTi trans-
mit/receive mode register is “1“, the bit 1 is “0”, and the bit 2 is “1”.
Bit 3 is used to select an internal clock or an external clock. If bit 3
is “0”, an internal clock is selected and if bit 3 is “1”, then external
clock is selected. If an internal clock is selected, the bit 0 (CS0)
and bit 1 (CS1) of UARTi transmit/receive control register 0 are
used to select the clock source. When an internal clock is selected
for asynchronous serial communication, the CLKi pin can be used
as a normal I/O pin.
The selected internal or external clock is divided by (n +1), then by
16, and passed through a control circuit to create the UART trans-
mission clock or UART receive clock.
Therefore, the transmission speed can be changed by changing
the contents n of the bit rate generator. If the selected clock is an
internal clock fi or an external clock fEXT,
Bit Rate = (fi or fEXT)
/ {(n + 1) ! 16}
Bit 4 is the stop bit length selection bit to select 1 stop bit or 2 stop
bits.
The bit 5 is a selection bit of odd parity or even parity.
In the odd parity mode, the parity bit is adjusted so that the sum of
the 1’s in the data and parity bit is always odd.
In the even parity mode, the parity bit is adjusted so that the sum
of the 1’s in the data and parity bit is always even.
Fig. 40 Transmit timing example when 8-bit asynchronous communication with parity and 1 stop bit is selected
Fig. 41 Transmit timing example when 9-bit asynchronous communication with no parity and 2 stop bits is selected
D6 D7
ST
D1 D2 D3
D4 D5
P SP ST
ST D0 D1
TEi
(1 / f1 , or 1 / fEXT) ! (n + 1) ! 16
Transmission clock
CTSi
Write in transmission buffer register
TIi
TENDi
TXDi
TXEPTYi
Transmission register
← Transmission
buffer register
Stopped because TEi = “0”
Start bit
Parity bit Stop bit
D0
D6
D7
D1
D2 D3 D4
D5
P
SP
D0
TEi
Transmission clock
TIi
TENDi
TXDi
TXEPTYi
(1 / f1 or 1 / fEXT) ! (n + 1) ! 16
Write in transmission buffer register
Transmission register
←
Transmission
buffer register
Stopped because
Start bit
Stop Bit Stop Bit
TEi = “0”
D6
ST
D1
D2 D3 D4 D5
D8 SP
ST D0 D1
D0
D6 D7
D1 D2 D3 D4 D5
SP
D0
D7
SP
SP
D8
ST
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com