Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 42Page - Renesas Technology Corp 3850 Datasheet HTML 43Page - Renesas Technology Corp 3850 Datasheet HTML 44Page - Renesas Technology Corp 3850 Datasheet HTML 45Page - Renesas Technology Corp 3850 Datasheet HTML 46Page - Renesas Technology Corp 3850 Datasheet HTML 47Page - Renesas Technology Corp 3850 Datasheet HTML 48Page - Renesas Technology Corp 3850 Datasheet HTML 49Page - Renesas Technology Corp 3850 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
45
3850 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
GZZ-SH11-41A<6YA0>
740 FAMILY ROM PROGRAMMING CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M38503E4-XXXSP/FP
MITSUBISHI ELECTRIC
ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce ROM programming based
on this data. We shall assume the responsibility for errors only if the programming data on the products we produce dif-
fers from this data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
Checksum code for entire EPROM
(hexadecimal notation)
In the address space of the microcomputer, the internal
ROM area is from address C08016 to FFFD16. The reset
vector is stored in addresses FFFC16 and FFFD16.
(1) Set the data in the unused area (the shaded area of
the diagram) to “FF16”.
(2) The ASCII codes of the product name “M38503E4–”
must be entered in addresses 000016 to 000816. And
set the data “FF16” in addresses 000916 to 000F16.
The ASCII codes and addresses are listed to the right
in hexadecimal notation.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘8’ = 3816
‘5’ = 3516
‘0’ = 3016
‘3’ = 3316
‘E’ = 4516
‘4’ = 3416
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘–’ = 2D16
FF16
FF16
FF16
FF16
FF16
FF16
FF16
(1/2)
EPROM type (indicate the type used)
27256
EPROM address
000016
000F16
001016
407F16
408016
7FFD16
7FFE16
7FFF16
Product name
ASCII code :
‘M38503E4-’
data
ROM (16K-130) bytes
27512
EPROM address
000016
000F16
001016
C07F16
C08016
FFFD16
FFFE16
FFFF16
Product name
ASCII code :
‘M38503E4-’
data
ROM (16K-130) bytes
Microcomputer name:
M38503E4-XXXSP
M38503E4-XXXFP
ROM PROGRAMMING CONFIRMATION FORM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com