Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 29Page - Renesas Technology Corp 3850 Datasheet HTML 30Page - Renesas Technology Corp 3850 Datasheet HTML 31Page - Renesas Technology Corp 3850 Datasheet HTML 32Page - Renesas Technology Corp 3850 Datasheet HTML 33Page - Renesas Technology Corp 3850 Datasheet HTML 34Page - Renesas Technology Corp 3850 Datasheet HTML 35Page - Renesas Technology Corp 3850 Datasheet HTML 36Page - Renesas Technology Corp 3850 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
32
3850 Group
MITSUBISHI MICROCOMPUTERS
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIL
VIL
VIL
ELECTRICAL CHARACTERISTICS
Table 6 Absolute maximum ratings
Power source voltage
Input voltage
P00–P07, P10–P17, P20, P21,
P24–P27, P30–P34, P40–P44,
VREF
Input voltage
P22, P23
Input voltage
RESET, XIN
Input voltage
CNVSS
Output voltage P00–P07, P10–P17, P20, P21,
P24–P27, P30–P34, P40–P44,
XOUT
Output voltage P22, P23
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 7.0
–0.3 to VCC +0.3
–0.3 to 5.8
–0.3 to VCC +0.3
–0.3 to 13
–0.3 to VCC +0.3
–0.3 to 5.8
300
–20 to 85
–40 to 125
V
V
V
V
V
V
V
mW
°C
°C
Unit
Ta = 25 °C
All voltages are based on VSS.
Output transistors are cut off.
5.5
5.5
VCC
VCC
VCC
VCC
0.2VCC
0.2VCC
0.16VCC
Power source voltage (At 8 MHz)
Power source voltage (At 4 MHz)
Power source voltage
A-D convert reference voltage
Analog power source voltage
Analog input voltage
AN0–AN4
“H” input voltage
P00–P07, P10–P17, P20–P27, P30–P34, P40–P44
“H” input voltage
RESET, XIN, CNVSS
“L” input voltage
P00–P07, P10–P17, P20–P27, P30–P34, P40–P44
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
Unit
Table 7 Recommended operating conditions (1)
(VCC = 2.7 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
4.0
2.7
2.0
AVSS
0.8VCC
0.8VCC
0
0
0
5.0
5.0
0
0
Typ.
Max.
–80
–80
80
80
80
–40
–40
40
40
40
“H” total peak output current
P00–P07, P10–P17, P30–P34 (Note)
“H” total peak output current
P20, P21, P24–P27, P40–P44 (Note)
“L” total peak output current
P00–P07, P10–P12, P30–P34 (Note)
“L” total peak output current
P13–P17 (Note)
“L” total peak output current
P20–P27,P40–P44 (Note)
“H” total average output current P00–P07, P10–P17, P30–P34 (Note)
“H” total average output current P20, P21, P24–P27, P40–P44 (Note)
“L” total average output current P00–P07, P10–P12, P30–P34 (Note)
“L” total average output current P13–P17 (Note)
“L” total average output current P20–P27,P40–P44 (Note)
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Note : The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured
over 100 ms. The total peak current is the peak value of all the currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com