Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 7Page - Renesas Technology Corp 3850 Datasheet HTML 8Page - Renesas Technology Corp 3850 Datasheet HTML 9Page - Renesas Technology Corp 3850 Datasheet HTML 10Page - Renesas Technology Corp 3850 Datasheet HTML 11Page - Renesas Technology Corp 3850 Datasheet HTML 12Page - Renesas Technology Corp 3850 Datasheet HTML 13Page - Renesas Technology Corp 3850 Datasheet HTML 14Page - Renesas Technology Corp 3850 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
10
3850 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Fig. 8 Port block diagram (1)
(1) Port P0, P1
Direction
register
Data bus
Port latch
(2) Port P20
Port XC switch bit
Oscillator
Port P21
Data bus
Port latch
Direction
register
Port XC switch bit
(3) Port P21
Port XC switch bit
Data bus
Port latch
Direction
register
Sub-clock generating circuit input
(4) Port P22, P23
Data bus
Port latch
Direction
register
(5) Port P24
Data bus
Port latch
Direction
register
Serial I/O enable bit
Receive enable bit
Serial I/O input
(6) Port P25
Data bus
Port latch
Direction
register
Serial I/O enable bit
Transmit enable bit
Serial I/O output
(7) Port P26
Data bus
Port latch
Direction
register
Serial I/O enable bit
Serial I/O enable bit
Serial I/O mode selection bit
Serial I/O clock
selection bit
(8) Port P27
P-channel output disable bit
Serial clock output
External clock input
Data bus
Port latch
Direction
register
Timer output
Serial I/O enable bit
SRDY output enable bit
Serial I/O mode selection bit
CNTR0 interrupt
input
Serial ready output
Pulse output mode
Pulse output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com