Electronic Components Datasheet Search
  English  ▼

X  

HTT1115E Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HTT1115E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1115E Datasheet(HTML) 8 Page - Renesas Technology Corp

  HTT1115E Datasheet HTML 1Page - Renesas Technology Corp HTT1115E Datasheet HTML 2Page - Renesas Technology Corp HTT1115E Datasheet HTML 3Page - Renesas Technology Corp HTT1115E Datasheet HTML 4Page - Renesas Technology Corp HTT1115E Datasheet HTML 5Page - Renesas Technology Corp HTT1115E Datasheet HTML 6Page - Renesas Technology Corp HTT1115E Datasheet HTML 7Page - Renesas Technology Corp HTT1115E Datasheet HTML 8Page - Renesas Technology Corp HTT1115E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HTT1115E
Rev.2.00 Aug 10, 2005 page 8 of 8
Package Dimensions
e
c
A
L
A
E
b
HE
LP
A2
I1
b2
A
A1
D
A
xS
A
M
S
yS
b
A-A Section
b1
c1
c
e1
e
Pattern of terminal position areas
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
x
y
b2
e1
I1
0.45
0
0.45
0.1
0.1
1.15
0.75
0.95
0.05
0.1
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
0.17
0.15
0.13
0.11
1.2
0.8
0.4
1.0
0.1
0.7
0.5
0.01
0.49
0.25
0.15
1.25
0.85
1.05
0.15
0.3
0.05
0.05
0.3
0.35
¾
0.0012g
MASS[Typ.]
EMFPAK-6 / EMFPAK-6V
PXSF0006LA-A
RENESAS Code
JEITA Package Code
Package Name
Ordering Information
Part Name
Quantity
Shipping Container
HTT1115EFTL-E
5000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com