Electronic Components Datasheet Search
  English  ▼

X  

HTT1115E Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HTT1115E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1115E Datasheet(HTML) 3 Page - Renesas Technology Corp

  HTT1115E Datasheet HTML 1Page - Renesas Technology Corp HTT1115E Datasheet HTML 2Page - Renesas Technology Corp HTT1115E Datasheet HTML 3Page - Renesas Technology Corp HTT1115E Datasheet HTML 4Page - Renesas Technology Corp HTT1115E Datasheet HTML 5Page - Renesas Technology Corp HTT1115E Datasheet HTML 6Page - Renesas Technology Corp HTT1115E Datasheet HTML 7Page - Renesas Technology Corp HTT1115E Datasheet HTML 8Page - Renesas Technology Corp HTT1115E Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HTT1115E
Rev.2.00 Aug 10, 2005 page 3 of 8
Main Characteristics (Q1)
0
0.4
0.6
1.0
Typical Forward Transfer Characteristics
01
2
3
4
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
Base to Emitter Voltage VBE (V)
0.2
0.8
VCE = 1 V
20
30
40
50
10
10
20
30
40
50
IB = 50 µA
100
µA
150
µA
200
µA
250
µA
300
µA
350
µA
400
µA
450
µA
100
10
100
200
0
1
20
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
25
50
V
= 1 V
CE
Collector to Base Voltage VCB (V)
1.2
2.0
Reverse Transfer Capacitance vs.
Collector to Base Voltage
0.1
0.2
0.3
0.4
0.5
0
0.4
0.8
1.6
IE = 0
f = 1 MHz
110
100
Collector Current IC (mA)
S21 Parameter vs. Collector Current
4
8
12
16
20
0
25
20
50
f = 900 MHz
12
5
10
20
50
100
0
4
8
12
16
20
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
VCE = 1V
VCE = 2 V
f = 1 GHz
VCE = 2 V
VCE = 1 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com