Electronic Components Datasheet Search
  English  ▼

X  

HSG2001 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 5Page - Renesas Technology Corp HSG2001 Datasheet HTML 6Page - Renesas Technology Corp HSG2001 Datasheet HTML 7Page - Renesas Technology Corp HSG2001 Datasheet HTML 8Page - Renesas Technology Corp HSG2001 Datasheet HTML 9Page - Renesas Technology Corp HSG2001 Datasheet HTML 10Page - Renesas Technology Corp HSG2001 Datasheet HTML 11Page - Renesas Technology Corp HSG2001 Datasheet HTML 12Page - Renesas Technology Corp HSG2001 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 9 of 24
S parameter
(VCE = 2 V, IC = 20 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.697
-70.9
42.28
141.9
0.0166
71.6
0.832
-51.4
200
0.694
-112.5
30.58
119.5
0.0330
40.5
0.625
-83.0
300
0.689
-135.3
22.43
107.2
0.0360
38.5
0.518
-104.0
400
0.690
-148.6
17.38
99.2
0.0386
34.5
0.458
-119.4
500
0.692
-157.5
14.05
93.7
0.0410
35.8
0.423
-130.8
600
0.692
-164.3
11.71
89.4
0.0428
37.4
0.406
-139.8
700
0.693
-169.7
10.01
85.8
0.0456
38.6
0.393
-147.0
800
0.696
-174.2
8.72
82.8
0.0484
37.4
0.387
-153.1
900
0.696
-178.0
7.72
80.2
0.0504
39.6
0.382
-158.4
1000
0.698
178.6
6.93
77.9
0.0538
39.4
0.379
-162.9
1100
0.700
175.5
6.27
75.6
0.0569
41.0
0.377
-167.0
1200
0.703
172.6
5.72
73.5
0.0592
41.1
0.377
-170.9
1300
0.704
170.0
5.26
71.4
0.0620
41.6
0.377
-174.1
1400
0.706
167.6
4.87
69.5
0.0652
41.6
0.378
-177.3
1500
0.707
165.2
4.54
67.6
0.0676
42.1
0.379
-180.0
1600
0.711
162.9
4.24
65.8
0.0702
42.6
0.381
177.3
1700
0.712
160.8
3.98
64.0
0.0732
42.1
0.383
175.0
1800
0.716
158.9
3.75
62.2
0.0762
41.8
0.385
172.7
1900
0.718
156.9
3.55
60.4
0.0787
41.9
0.387
170.5
2000
0.720
155.0
3.36
58.7
0.0821
41.4
0.390
168.3
2100
0.723
152.9
3.20
57.0
0.0843
40.9
0.392
166.3
2200
0.727
151.3
3.04
55.4
0.0881
41.1
0.396
164.4
2300
0.730
149.6
2.90
53.7
0.0899
40.2
0.399
162.7
2400
0.731
147.9
2.78
52.0
0.0924
40.2
0.402
161.0
2500
0.734
146.2
2.66
50.4
0.0965
39.4
0.406
159.6
2600
0.738
144.5
2.55
48.8
0.0985
39.3
0.408
157.7
2700
0.742
143.0
2.45
47.2
0.1006
38.6
0.411
156.1
2800
0.745
141.4
2.36
45.6
0.1035
38.0
0.415
154.5
2900
0.747
139.9
2.27
44.1
0.1058
36.5
0.420
152.9
3000
0.748
138.4
2.19
42.5
0.1087
36.6
0.424
151.5
3100
0.753
137.0
2.12
40.9
0.1106
36.1
0.428
150.2
3200
0.755
135.5
2.05
39.3
0.1135
35.3
0.432
148.8
3300
0.759
134.1
1.98
37.8
0.1151
34.7
0.434
147.4
3400
0.762
132.6
1.92
36.3
0.1178
34.1
0.437
145.9
3500
0.764
131.4
1.85
34.9
0.1198
33.2
0.440
144.6
3600
0.765
129.9
1.80
33.3
0.1214
33.1
0.444
143.1
3700
0.766
128.8
1.74
32.0
0.1247
32.5
0.447
141.8
3800
0.766
127.5
1.69
30.7
0.1271
32.0
0.451
140.7
3900
0.771
126.4
1.65
29.3
0.1300
31.1
0.453
139.7
4000
0.773
125.1
1.61
27.8
0.1326
30.4
0.458
138.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com