Electronic Components Datasheet Search
  English  ▼

X  

HSG2001 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 11Page - Renesas Technology Corp HSG2001 Datasheet HTML 12Page - Renesas Technology Corp HSG2001 Datasheet HTML 13Page - Renesas Technology Corp HSG2001 Datasheet HTML 14Page - Renesas Technology Corp HSG2001 Datasheet HTML 15Page - Renesas Technology Corp HSG2001 Datasheet HTML 16Page - Renesas Technology Corp HSG2001 Datasheet HTML 17Page - Renesas Technology Corp HSG2001 Datasheet HTML 18Page - Renesas Technology Corp HSG2001 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 15 of 24
S parameter
(VCE = 3 V, IC = 30 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.626
-85.1
52.71
136.9
0.0168
56.1
0.782
-58.0
200
0.656
-125.4
35.41
114.9
0.0258
44.2
0.574
-91.6
300
0.663
-145.0
25.24
103.7
0.0283
41.0
0.480
-112.6
400
0.672
-156.2
19.30
96.6
0.0315
42.4
0.435
-127.1
500
0.675
-163.7
15.52
91.6
0.0321
41.6
0.409
-137.9
600
0.676
-169.5
12.87
87.7
0.0369
44.4
0.398
-146.3
700
0.678
-174.2
10.99
84.5
0.0397
46.3
0.388
-153.0
800
0.681
-178.1
9.56
81.8
0.0429
46.0
0.385
-158.5
900
0.683
178.6
8.45
79.4
0.0461
47.8
0.383
-163.3
1000
0.685
175.5
7.58
77.2
0.0496
47.5
0.382
-167.4
1100
0.687
172.7
6.85
75.1
0.0524
48.9
0.381
-171.2
1200
0.690
170.1
6.26
73.2
0.0557
48.7
0.382
-174.7
1300
0.690
167.7
5.75
71.2
0.0585
48.2
0.383
-177.6
1400
0.694
165.4
5.32
69.4
0.0616
48.4
0.384
179.5
1500
0.696
163.2
4.96
67.7
0.0655
48.9
0.385
176.9
1600
0.698
161.0
4.63
65.9
0.0683
49.0
0.387
174.5
1700
0.701
159.1
4.35
64.3
0.0708
48.4
0.390
172.3
1800
0.704
157.3
4.10
62.6
0.0747
48.1
0.392
170.2
1900
0.706
155.4
3.87
60.8
0.0774
47.5
0.394
168.1
2000
0.709
153.6
3.67
59.2
0.0804
47.3
0.397
165.9
2100
0.712
151.6
3.49
57.6
0.0840
46.9
0.399
164.0
2200
0.716
150.1
3.32
56.0
0.0875
46.1
0.403
162.2
2300
0.719
148.3
3.17
54.5
0.0902
45.4
0.406
160.7
2400
0.721
146.8
3.03
52.8
0.0928
45.0
0.409
159.1
2500
0.723
145.1
2.90
51.3
0.0967
44.4
0.412
157.6
2600
0.728
143.5
2.79
49.7
0.0991
43.7
0.415
155.8
2700
0.731
142.1
2.67
48.2
0.1014
42.8
0.417
154.4
2800
0.735
140.4
2.58
46.6
0.1043
42.1
0.421
152.7
2900
0.736
139.1
2.47
45.2
0.1069
41.0
0.426
151.3
3000
0.738
137.6
2.39
43.6
0.1100
40.7
0.429
149.9
3100
0.743
136.1
2.31
42.2
0.1122
39.8
0.433
148.6
3200
0.745
134.7
2.23
40.7
0.1150
39.1
0.437
147.4
3300
0.749
133.4
2.15
39.2
0.1173
38.0
0.440
146.0
3400
0.752
131.9
2.09
37.7
0.1194
37.5
0.442
144.5
3500
0.754
130.6
2.02
36.3
0.1218
36.6
0.445
143.2
3600
0.755
129.2
1.96
34.8
0.1241
36.1
0.449
141.7
3700
0.756
128.1
1.90
33.6
0.1267
35.5
0.451
140.5
3800
0.757
126.8
1.84
32.3
0.1297
35.0
0.454
139.4
3900
0.761
125.8
1.80
30.9
0.1318
33.9
0.456
138.4
4000
0.763
124.6
1.75
29.5
0.1351
33.2
0.459
137.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com