Electronic Components Datasheet Search
  English  ▼

X  

HSG2001 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HSG2001
Description  SiGe NPN Epitaxial High Frequency Medium Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG2001 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HSG2001 Datasheet HTML 10Page - Renesas Technology Corp HSG2001 Datasheet HTML 11Page - Renesas Technology Corp HSG2001 Datasheet HTML 12Page - Renesas Technology Corp HSG2001 Datasheet HTML 13Page - Renesas Technology Corp HSG2001 Datasheet HTML 14Page - Renesas Technology Corp HSG2001 Datasheet HTML 15Page - Renesas Technology Corp HSG2001 Datasheet HTML 16Page - Renesas Technology Corp HSG2001 Datasheet HTML 17Page - Renesas Technology Corp HSG2001 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
HSG2001
Rev.2.00, Apr.20.2004, page 14 of 24
S parameter
(VCE = 3 V, IC = 20 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.687
-67.3
42.60
143.4
0.0221
72.9
0.831
-47.4
200
0.688
-108.9
31.35
121.2
0.0305
44.2
0.632
-77.6
300
0.681
-132.2
23.21
108.6
0.0368
38.0
0.516
-98.4
400
0.684
-146.2
18.07
100.4
0.0380
36.4
0.450
-113.3
500
0.685
-155.6
14.65
94.6
0.0407
37.3
0.410
-124.9
600
0.685
-162.7
12.21
90.2
0.0422
38.1
0.388
-134.4
700
0.686
-168.2
10.45
86.5
0.0453
38.4
0.372
-141.9
800
0.687
-172.9
9.11
83.4
0.0481
38.3
0.364
-148.2
900
0.688
-176.8
8.06
80.7
0.0504
40.8
0.358
-153.7
1000
0.690
179.6
7.23
78.4
0.0529
39.4
0.353
-158.7
1100
0.692
176.4
6.54
76.0
0.0560
40.7
0.351
-163.1
1200
0.694
173.4
5.97
73.9
0.0574
41.4
0.349
-167.2
1300
0.695
170.8
5.49
71.8
0.0613
41.7
0.349
-170.6
1400
0.698
168.3
5.09
69.9
0.0626
42.1
0.349
-174.0
1500
0.700
165.9
4.74
68.0
0.0660
42.6
0.351
-176.9
1600
0.702
163.5
4.43
66.2
0.0686
42.6
0.351
-179.7
1700
0.705
161.4
4.15
64.4
0.0714
41.9
0.353
177.8
1800
0.707
159.4
3.91
62.6
0.0743
42.5
0.356
175.4
1900
0.710
157.4
3.70
60.8
0.0770
42.3
0.357
173.1
2000
0.713
155.5
3.50
59.1
0.0803
41.7
0.359
170.7
2100
0.715
153.5
3.33
57.4
0.0818
41.5
0.362
168.6
2200
0.719
151.8
3.17
55.8
0.0860
41.4
0.365
166.7
2300
0.723
150.0
3.03
54.2
0.0878
40.9
0.368
165.0
2400
0.724
148.4
2.89
52.4
0.0902
40.4
0.371
163.3
2500
0.727
146.6
2.77
50.9
0.0931
40.1
0.374
161.7
2600
0.731
144.9
2.66
49.2
0.0957
39.6
0.377
159.8
2700
0.735
143.4
2.55
47.7
0.0980
39.4
0.379
158.1
2800
0.738
141.7
2.46
46.0
0.1017
38.6
0.383
156.5
2900
0.739
140.3
2.36
44.5
0.1034
37.1
0.388
154.9
3000
0.742
138.8
2.28
42.9
0.1057
37.3
0.392
153.4
3100
0.746
137.3
2.20
41.4
0.1077
36.8
0.395
152.1
3200
0.749
135.9
2.13
39.8
0.1114
35.9
0.399
150.7
3300
0.752
134.4
2.06
38.3
0.1133
35.5
0.402
149.4
3400
0.755
133.0
1.99
36.7
0.1152
34.9
0.405
147.9
3500
0.757
131.7
1.93
35.4
0.1169
33.9
0.407
146.5
3600
0.758
130.2
1.87
33.8
0.1184
33.5
0.411
145.0
3700
0.760
129.1
1.81
32.5
0.1221
33.1
0.414
143.7
3800
0.760
127.7
1.76
31.2
0.1244
32.8
0.417
142.6
3900
0.765
126.7
1.72
29.8
0.1271
31.8
0.420
141.6
4000
0.767
125.5
1.67
28.3
0.1295
31.3
0.424
140.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com