Electronic Components Datasheet Search
  English  ▼

X  

HAT2218R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAT2218R
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2218R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAT2218R Datasheet HTML 2Page - Renesas Technology Corp HAT2218R Datasheet HTML 3Page - Renesas Technology Corp HAT2218R Datasheet HTML 4Page - Renesas Technology Corp HAT2218R Datasheet HTML 5Page - Renesas Technology Corp HAT2218R Datasheet HTML 6Page - Renesas Technology Corp HAT2218R Datasheet HTML 7Page - Renesas Technology Corp HAT2218R Datasheet HTML 8Page - Renesas Technology Corp HAT2218R Datasheet HTML 9Page - Renesas Technology Corp HAT2218R Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HAT2218R
Rev.3.00, Aug.23.2004, page 7 of 9
0.1 0.2
1
2
10 20
50 100
50
100
10
20
2
5
1
0.2
0.5
0.1
0.5
5
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
VDS = 10 V
Pulse Test
25
°C
Tc = –25
°C
75
°C
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
50
40
30
20
10
-25
0
25
50
75
100 125 150
0
1 A, 2 A, 5 A
VGS = 4.5 V
10 V
Pulse Test
5 A
0.1
0.3
1
3
10
30
100
100
10
20
2
50
5
1
0
5
10
15
20
25
30
2000
5000
10000
1000
100
200
500
50
40
30
20
10
0
10
8
6
4
2
4
8
12
16
20
0
20
50
10
2
1
5
0.1 0.2
1
2
10 20
50 100
20
50
10
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 8 A
VDS
VGS
tr
td(on)
td(off)
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nC)
Dynamic Input Characteristics
Drain Current
ID (A)
Switching Characteristics
tf
VGS = 10 V, VDD = 10 V
Rg =4.7
Ω, duty ≤ 1 %
0.5
5
100
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
VDD = 25 V
10 V
5 V
ID = 1 A, 2 A
VDD = 25 V
10 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com