Electronic Components Datasheet Search
  English  ▼

X  

HAT2218R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2218R
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2218R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2218R Datasheet HTML 1Page - Renesas Technology Corp HAT2218R Datasheet HTML 2Page - Renesas Technology Corp HAT2218R Datasheet HTML 3Page - Renesas Technology Corp HAT2218R Datasheet HTML 4Page - Renesas Technology Corp HAT2218R Datasheet HTML 5Page - Renesas Technology Corp HAT2218R Datasheet HTML 6Page - Renesas Technology Corp HAT2218R Datasheet HTML 7Page - Renesas Technology Corp HAT2218R Datasheet HTML 8Page - Renesas Technology Corp HAT2218R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HAT2218R
Rev.3.00, Aug.23.2004, page 2 of 9
Electrical Characteristics
• MOS1
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
——
±0.1
µAVGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
——
1
µAVDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
—
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
—19
24
m
Ω
ID = 3.75 A, VGS = 10 V
Note3
Static drain to source on state
resistance
RDS(on)
—27
40
m
Ω
ID = 3.75 A, VGS = 4.5 V
Note3
Forward transfer admittance
|yfs|9
15
—
S
ID = 3.75 A, VDS = 10 V
Note3
Input capacitance
Ciss
—
630
—
pF
Output capacitance
Coss
—
155
—
pF
Reverse transfer capacitance
Crss
—
57
—
pF
VDS = 10 V
VGS = 0
f = 1MHz
Total gate charge
Qg
—
4.6
—
nC
Gate to source charge
Qgs
—
2.2
—
nC
Gate to drain charge
Qgd
—
1.2
—
nC
VDD = 10 V
VGS = 4.5 V
ID = 7.5 A
Turn-on delay time
td(on)
—7—
ns
Rise time
tr
—14—
ns
Turn-off delay time
td(off)
—36—
ns
Fall time
tf
—3.4
—
ns
VGS =10 V, ID = 3.75 A
VDD
≈ 10 V
RL = 2.66
Ω
Rg = 4.7
Ω
Body–drain diode forward voltage
VDF
—
0.85
1.11
V
IF = 7.5 A, VGS = 0
Note3
Body–drain diode reverse
recovery time
trr
—
17
—
ns
IF =7.5 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 3. Pulse test
• MOS2 & Schottky Barrier Diode
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
——
±0.1
µAVGS = ±12 V, VDS = 0
Zero gate voltage drain current
IDSS
——
1
m A
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.4
—
2.5
V
VDS = 10 V, I D =1 mA
RDS(on)
—17
22
m
Ω
ID =4 A, VGS = 10 V
Note3
Static drain to source on state
resistance
RDS(on)
—21
29
m
Ω
ID = 4 A, VGS = 4.5 V
Note3
Forward transfer admittance
|yfs|15
25
—
S
ID = 4 A, VDS = 10 V
Note3
Input capacitance
Ciss
—
1330
—
pF
Output capacitance
Coss
—
230
—
pF
Reverse transfer capacitance
Crss
—
92
—
pF
VDS = 10 V
VGS = 0
f = 1MHz
Total gate charge
Qg
—
11
—
nC
Gate to source charge
Qgs
—
3.8
—
nC
Gate to drain charge
Qgd
—
3.2
—
nC
VDD = 10 V
VGS = 4.5 V
ID = 8 A
Turn-on delay time
td(on)
—10—
ns
Rise time
tr
—16—
ns
Turn-off delay time
td(off)
—43—
ns
Fall time
tf
—3.9
—
ns
VGS = 10 V, ID = 4 A
VDD
≈ 10 V
RL = 2.5
Ω
Rg = 4.7
Ω
Schottky Barrier diode forward voltage
VF
—
0.5
—
V
IF = 3.5 A, VGS = 0
Note3
Body–drain diode reverse
recovery time
trr
—15—
ns
IF = 8 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 3. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com