Electronic Components Datasheet Search
  English  ▼

X  

HA17451 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA17451
Description  Switching Regulator for Chopper Type DC/DC Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17451 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA17451 Datasheet HTML 1Page - Renesas Technology Corp HA17451 Datasheet HTML 2Page - Renesas Technology Corp HA17451 Datasheet HTML 3Page - Renesas Technology Corp HA17451 Datasheet HTML 4Page - Renesas Technology Corp HA17451 Datasheet HTML 5Page - Renesas Technology Corp HA17451 Datasheet HTML 6Page - Renesas Technology Corp HA17451 Datasheet HTML 7Page - Renesas Technology Corp HA17451 Datasheet HTML 8Page - Renesas Technology Corp HA17451 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev.2.0, Sep.18.2003, page 1 of 33
HA16116FP/FPJ, HA16121FP/FPJ
Switching Regulator for Chopper Type DC/DC Converter
REJ03F0056-0200Z
(Previous: ADE-204-019A)
Rev.2.0
Sep.18.2003
Description
HA16116FP/FPJ and HA16121FP/FPJ are dual-channel PWM switching regulator controller ICs for use in
chopper-type DC/DC converters.
This IC series incorporates totem pole gate drive circuits to allow direct driving of a power MOS FET. The
output logic is preset for booster, step-down, or inverting control in a DC/DC converter.
This logic
assumes use of an N-channel power MOS FET for booster control, and a P-channel power MOS FET for
step-down or inverting control.
HA16116 includes a built-in logic circuit for step-down control only, and one for use in both step-down and
inverting control. HA16121 has a logic circuit for booster control only and one for both step-down and
inverting control.
Both ICs have a pulse-by-pulse current limiter, which limits PWM pulse width per pulse as a means of
protecting against overcurrent, and which uses an on/off timer for intermittent operation.
Unlike
conventional methods that use a latch timer for shutdown, when the pulse-by-pulse current limiter
continues operation beyond the time set in the timer, the IC is made to operate intermittently (flickering
operation), resulting in sharp vertical setting characteristics. When the overcurrent condition subsides, the
output is automatically restored to normal.
The dual control circuits in the IC output identical triangle waveforms, for completely synchronous
configuring a compact, high efficiency dual-channel DC/DC converter, with fewer external components
than were necessary previously.
Functions
• 2.5 V reference voltage (Vref) regulator
• Triangle wave form oscillator
• Dual overcurrent detector
• Dual totem pole output driver
• UVL (under voltage lock out) system
• Dual error amplifier
• Vref overvoltage detector
• Dual PWM comparator


Similar Part No. - HA17451

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17451 HITACHI-HA17451 Datasheet
83Kb / 15P
Switching Regulator Controllers for DC/DC Converters
logo
Renesas Technology Corp
HA17451 RENESAS-HA17451 Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
logo
Hitachi Semiconductor
HA17451AFP HITACHI-HA17451AFP Datasheet
83Kb / 15P
Switching Regulator Controllers for DC/DC Converters
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
Switching Regulator Controllers for DC/DC Converters
More results

Similar Description - HA17451

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16114P HITACHI-HA16114P Datasheet
275Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
HA16116FP HITACHI-HA16116FP Datasheet
250Kb / 34P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
Switching Regulator, DC/DC Converter
logo
Renesas Technology Corp
HA16114P RENESAS-HA16114P Datasheet
499Kb / 38P
Switching Regulator for Chopper Type DC/DC Converter
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
Chopper Regulator, DC- DC Converter and Motor Drive
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2884 TOSHIBA-2SK2884_09 Datasheet
433Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
Chopper Regulator, DC-DC Converter and Motor Drive
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
Chopper Regulator, DC−DC Converter Applications
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
Switching Regulator, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com