Electronic Components Datasheet Search
  English  ▼

X  

HA17451 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA17451
Description  Switching Regulator for Chopper Type DC/DC Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17451 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA17451 Datasheet HTML 17Page - Renesas Technology Corp HA17451 Datasheet HTML 18Page - Renesas Technology Corp HA17451 Datasheet HTML 19Page - Renesas Technology Corp HA17451 Datasheet HTML 20Page - Renesas Technology Corp HA17451 Datasheet HTML 21Page - Renesas Technology Corp HA17451 Datasheet HTML 22Page - Renesas Technology Corp HA17451 Datasheet HTML 23Page - Renesas Technology Corp HA17451 Datasheet HTML 24Page - Renesas Technology Corp HA17451 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
HA16116FP/FPJ, HA16121FP/FPJ
Rev.2.0, Sep.18.2003, page 21 of 33
Absolute Maximum Ratings
(Ta = 25°C)
Rating
Item
Symbol
HA16116FP,
HA16121FP
HA16116FPJ,
HA16121FPJ
Unit
Supply voltage
V
IN
40
40
V
Output current (DC)
I
O
±0.1
±0.1
A
Output current (peak)
I
O peak
±1.0
±1.0
A
Current limiter pin voltage
V
CL
V
IN
V
IN
V
Error amp input voltage
V
IEA
V
IN
V
IN
V
E/O input voltage
V
IE/O
Vref
Vref
V
RT pin source current
I
RT
500
500
µA
TIM pin sink current
I
TM
20
20
mA
Power dissipation*
1
P
T
680*
1
680*
1
mW
Operation temperature range
Topr
–40 to +85
–40 to +85
°C
Junction temperature
TjMax
125
125
°C
Storage temperature range
Tstg
–55 to +125
–55 to +125
°C
Note:
1. This value is based on actual measurements on a 40
× 40 × 1.6 mm glass epoxy circuit board.
At a wiring density of 10%, it is the permissible value up to Ta = 45°C, but at higher temperatures
this value should be derated by 8.3 mW/°C. At a wiring density of 30% it is the permissible value
up to Ta = 64°C, but at higher temperatures it should be derated by 11.1 mW/°C.
800
600
400
200
0
680 mW
447 mW
348 mW
45
°C
85
°C
125
°C
64
°C
20
40
60
80
100
120
140
0
−40
−20
Operating ambient temperature Ta (
°C)
10% wiring density
30% wiring density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com