Electronic Components Datasheet Search
  English  ▼

X  

HA16141FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA16141FP
Description  PFC and PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA16141FP Datasheet HTML 1Page - Renesas Technology Corp HA16141FP Datasheet HTML 2Page - Renesas Technology Corp HA16141FP Datasheet HTML 3Page - Renesas Technology Corp HA16141FP Datasheet HTML 4Page - Renesas Technology Corp HA16141FP Datasheet HTML 5Page - Renesas Technology Corp HA16141FP Datasheet HTML 6Page - Renesas Technology Corp HA16141FP Datasheet HTML 7Page - Renesas Technology Corp HA16141FP Datasheet HTML 8Page - Renesas Technology Corp HA16141FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HA16141P/FP, HA16142P/FP
Rev.5.00 Jun 15, 2005 page 4 of 17
System Diagram
CAO
VCC
CT
3.3n
36k
VREF
Rec+
1.8m
Q1
B+
B+ OUT
GND
(385V dc)
T1
+
Rec
−
PWM-RES
PFC-DT
+B HIGH
RAMP
22.2V
100
220p
IAC
IMO
IAC
IMO = K {IAC
× (VEO − 1V)}
PFC-CAMP
PFC-VAMP
PWM-VAMP
×1
Gain Selector
Over
Current
Detector
Integrator
Latch Block
910k
K
VEO
2.7k
0.1
(5W)
TIM
PG
PFC
-CS
PFC
-EO
47n
750k
PFC
-FB
PFC
-ON
GND
Note: The constants for the external components are for reference. Please confirm the operation when designing the system.
4.7n
From
VRB(B+monitor)
55k
−0.5V
VREF
PFC-CLIMIT
−
+
−
+
+
−
+
−
+
+B LOW
PFC-OFF
PWM-OFF
Circuit Ground Level
2.5V
2.75V
2.60V
2.5V
RB
3.83V
3.63V
R
Q
Supervisor
K = 0.25
S
R
PWM-RES
Q
S
R
Q
S
H
UVLO
L
H
VREF
GOOD
VREF
GOOD
VREF
GOOD
Gate Driver
±1.5A(PEAK)
Gate Driver
±1A(PEAK)
UVL
L
5V VREF
Generator
5V Internal Bias
−
+
−
+
−
K = 0.05
LOGIC
2.34V
1.70V
+
−
1.5V
1.2V
0.1
µ
51k
5.1k
VREF
Enable to
secondary
33k
720k
2.2
µ
+
−
1V
0.3V
5V
4V
VCC
LOGIC
2.5V
+
−
+
−
PWM
-CS
2R
R
5RB
VCC
0.1
(1W)
1
(1W)
To T1
To
Q1 gate
From PFC-OUT
From
Q2 drain
To
PFC-FB
Current Monitor
Unit R:
Ω
C: F
+
−
+
−
7.1V
0.1
µ
38.2
µ
3V
26.2
µ
5.2
µ
Q
S
R
Q
R
S
+
−
−
+
O.C
VREF
PWM
-EO
PWM
-OUT
PFC
-OUT
1n
0.1
µ
0.47
µ
470
µ
(600V)
1n
51k
+
4.7
µ
570k
(1/2W)
710k
VRB
4.7k
100kHz
3.4V
0.65V
200kHz
Oscillator
500ns
10
µs
5
µs
1
µs (HA16141)
2.3
µs (HA16142)
820k
10n
HA16141 only
External parts of
PWM-EO pin are
applies to HA16141
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com