Electronic Components Datasheet Search
  English  ▼

X  

HA16141FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16141FP
Description  PFC and PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16141FP Datasheet HTML 9Page - Renesas Technology Corp HA16141FP Datasheet HTML 10Page - Renesas Technology Corp HA16141FP Datasheet HTML 11Page - Renesas Technology Corp HA16141FP Datasheet HTML 12Page - Renesas Technology Corp HA16141FP Datasheet HTML 13Page - Renesas Technology Corp HA16141FP Datasheet HTML 14Page - Renesas Technology Corp HA16141FP Datasheet HTML 15Page - Renesas Technology Corp HA16141FP Datasheet HTML 16Page - Renesas Technology Corp HA16141FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HA16141P/FP, HA16142P/FP
Rev.5.00 Jun 15, 2005 page 13 of 17
4. PFC-ON pin
AC voltage
Vac
Note: All numeric values in the figure are typical values.
157Vac
PFC Status
(internal status)
Precondition: VREF GOOD, Non latched.
PFC-ON Period
Em
0Vac
62Vac
149Vac
49Vac
PFC-ON
3.83V
0V
1.5V
3.63V
1.2V
OFF
ON
Multiplier gain
(internal status)
0.05
0.25
The following functions are effected by inputting an AC voltage that has undergone primary rectification
and has been divided with an external resistance to the PFC-ON pin (see figure below).
a) Turning PFC operation off when AC voltage is low
b) Switching multiplier gain with AC 100 V system and 200 V system input
Rec+
R1
Switching Multiplier Gain
−
+
R2
2.2
µF
720k
Ω
3.83V
3.63V
1.5V
1.2V
PFC-ON
20k
Ω
PFC-ON/OFF Control
−
+
PFC-ON(dc) = 2
⋅ Em / π ⋅ R2 / (R1 + R2)
= 2
⋅ (√2) ⋅ Vac / π ⋅ R2 / (R1 + R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com