Electronic Components Datasheet Search
  English  ▼

X  

HA16141FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA16141FP
Description  PFC and PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16141FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA16141FP Datasheet HTML 1Page - Renesas Technology Corp HA16141FP Datasheet HTML 2Page - Renesas Technology Corp HA16141FP Datasheet HTML 3Page - Renesas Technology Corp HA16141FP Datasheet HTML 4Page - Renesas Technology Corp HA16141FP Datasheet HTML 5Page - Renesas Technology Corp HA16141FP Datasheet HTML 6Page - Renesas Technology Corp HA16141FP Datasheet HTML 7Page - Renesas Technology Corp HA16141FP Datasheet HTML 8Page - Renesas Technology Corp HA16141FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev.5.00 Jun 15, 2005 page 1 of 17
HA16141P/FP, HA16142P/FP
PFC and PWM Controller
REJ03F0145-0500
(Previous: ADE-204-036D)
Rev.5.00
Jun 15, 2005
Description
The HA16141P/FP and the HA16142P/FP are power supply controller ICs combining an AC-DC converter switching
controllers for power factor correction and off-line power supply switching controllers. PFC (Power factor correction)
section employs average current mode PWM and off-line power supply control section employs peak current mode
PWM.
The HA16142P/FP is the change version of HA16141P/FP’s PWM maximum on duty cycle.
The PFC operation can be turned on and off by external control signal. Use of this on/off function makes it possible to
disable PFC operation at a low line voltage, or to perform remote control operation from the transformer secondary
side. The PFC power supply boosted output voltage is not only fed to an error amplifier input signal but also fed to as
the boost voltage monitor circuit.
PG signal is put out if the boost voltage is out-of-spec.
The PWM controller, which begins operation at the same time as release of the IC’s UVLO (under-voltage lockout) is
suitable for auxiliary power supply use in a multi-output power supply system.
Features
• Synchronized PFC and PWM timing
• Self oscillation with fixed frequency
PFC
: 100 kHz (
±15 %)
PWM
: 200 kHz (
±15 %)
• PFC function on/off control
• PFC boosted output voltage monitor
• High-output current gate drivers
PFC driver peak current
:
±1.5 A typ.
PWM driver peak current
:
±1.0 A typ.
• PWM maximum on duty cycle
72% min (HA16141P/FP)
49.5% max (HA16142P/FP)


Similar Part No. - HA16141FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16141FP RENESAS-HA16141FP Datasheet
213Kb / 20P
PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
logo
Hitachi Semiconductor
HA16141FP HITACHI-HA16141FP Datasheet
239Kb / 18P
PFC and PWM Controller
More results

Similar Description - HA16141FP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Renesas Technology Corp
HA16142FP RENESAS-HA16142FP Datasheet
213Kb / 20P
PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
PFC/PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
PFCPWM Combination Controller
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
PFC/PWM Controller Combination
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
PFC/ PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
PFC/ PWM Controller Combination
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
8-Pin PFC and PWM Controller Combo
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
8-Pin PFC and PWM Controller Combo
logo
Hitachi Semiconductor
HA16141P HITACHI-HA16141P Datasheet
239Kb / 18P
PFC and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com