Electronic Components Datasheet Search
  English  ▼

X  

BCR10PM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR10PM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10PM Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR10PM Datasheet HTML 1Page - Renesas Technology Corp BCR10PM Datasheet HTML 2Page - Renesas Technology Corp BCR10PM Datasheet HTML 3Page - Renesas Technology Corp BCR10PM Datasheet HTML 4Page - Renesas Technology Corp BCR10PM Datasheet HTML 5Page - Renesas Technology Corp BCR10PM Datasheet HTML 6Page - Renesas Technology Corp BCR10PM Datasheet HTML 7Page - Renesas Technology Corp BCR10PM Datasheet HTML 8Page - Renesas Technology Corp BCR10PM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR10PM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
Refer to the page 6 as to the product guaranteed
maximum junction temperature 150
°C
16
12
6
4
2
14
10
8
0
16
0
24
8
610
12
14
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
IFGT I
IRGT I, IRGT III
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
23
10–1
57 100 23 5 7 101 23 5 7 102
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.0
0
23
102
57 103 23 5
103
10–1
103
104
102
7
5
3
2
100
7
5
3
2
101
7
5
3
2
7
5
3
2
10123 5 7
23 5 7
102
105
23 5 7
23 5 7
100
23
101
57 102 23 5 7 103 23 5 7 104
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
VGD = 0.2V
PGM = 5W
VGM = 10V
VGT = 1.5V
IGM = 2A
IRGT I
IFGT I, IRGT III
PG(AV) =
0.5W
TYPICAL EXAMPLE
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
TYPICAL EXAMPLE
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO CASE)
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(JUNCTION TO AMBIENT)
CONDUCTION TIME
(CYCLES AT 60Hz)
NO FINS
360
°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
GATE CHARACTERISTICS
(
Ι, ΙΙ AND ΙΙΙ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com