Electronic Components Datasheet Search
  English  ▼

X  

BCR10PM Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # BCR10PM
Description  MITSUBISHI SEMICONDUCTOR 〈TRIAC〉
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10PM Datasheet(HTML) 2 Page - Renesas Technology Corp

  BCR10PM Datasheet HTML 1Page - Renesas Technology Corp BCR10PM Datasheet HTML 2Page - Renesas Technology Corp BCR10PM Datasheet HTML 3Page - Renesas Technology Corp BCR10PM Datasheet HTML 4Page - Renesas Technology Corp BCR10PM Datasheet HTML 5Page - Renesas Technology Corp BCR10PM Datasheet HTML 6Page - Renesas Technology Corp BCR10PM Datasheet HTML 7Page - Renesas Technology Corp BCR10PM Datasheet HTML 8Page - Renesas Technology Corp BCR10PM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Mar. 2002
OUTLINE DRAWING
Dimensions
in mm
TO-220F
TYPE
NAME
VOLTAGE
CLASS
φ3.2±0.2
1.3 MAX
0.8
2.54
10.5 MAX
5.2
23
1
2
1
3
1
2
3
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
2.54
2.8
0.5
2.6
∗ Measurement point of
case temperature
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR10PM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
APPLICATION
Switching mode power supply, light dimmer, electric flasher unit, hair drier,
control of household equipment such as TV sets · stereo · refrigerator · washing machine · infrared
kotatsu · carpet, small motor control,
copying machine, electric tool, solenoid drivers, other general purpose control applications
BCR10PM
•IT (RMS) ...................................................................... 10A
•VDRM ....................................................................... 600V
•IFGT !, IRGT !, IRGT # ............................................ 20mA
•Viso ........................................................................ 2000V
• UL Recognized: Yellow Card No.E80276(N)
File No. E80271
✽1. Gate open.
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
Viso
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Isolation voltage
Conditions
Commercial power frequency, sine full wave 360
° conduction, Tc=85°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Ta=25
°C, AC 1 minute, T1 · T2 · G terminal to case
Unit
A
A
A2s
W
W
V
A
°C
°C
g
V
Ratings
10
100
41.6
5
0.5
10
2
–40 ~ +125
–40 ~ +125
2.0
2000
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage ✽1
Non-repetitive peak off-state voltage ✽1
Voltage class
Unit
V
V
MAXIMUM RATINGS
12
600
720
Refer to the page 6 as to the product guaranteed
maximum junction temperature 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com