Electronic Components Datasheet Search
  English  ▼

X  

APW7080KA Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW7080KA
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7080KA Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW7080KA Datasheet HTML 3Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 4Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 5Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 6Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 7Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 8Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 9Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 10Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2008
APW7080
www.anpec.com.tw
7
Typical Operating Characteristics (Cont.)
Output Current, I
OUT (A)
Efficiency vs. Output Current
EN Input Current, I
EN (µA)
EN Clamp Voltage vs. EN Input Current
0
2
4
6
8
10
12
14
16
18
1
10
100
1000
10000
Operating Waveforms
(Refer to the application circuit 1 in the section “Typical Application Circuits”, V
IN=12V, VOUT=3.3V, L1=10µH)
V
OUT
I
L1
Load Transient Response
Load Transient Response
1
1
2
2
1
1
2
2
V
OUT
Ch1 : V
OUT, 200mV/Div, DC,
Voltage Offset = 3.3V
Ch2 : I
L1, 1A/Div, DC
Time : 50
µs/Div
Ch1 : V
OUT, 100mV/Div, DC,
Voltage Offset = 3.3V
Ch2 : I
L1, 1A/Div, DC
Time : 50
µs/Div
T
J=-30
oC
T
J=-30
oC
T
J=25
oC
T
J=25
oC
T
J=100
oC
T
J=100
oC
I
OUT = 50mA -> 3A -> 50mA
I
OUT rise/f all time=10µ s
I
OUT = 50mA -> 3A -> 50mA
I
OUT rise/f all time=10µ s
0A
0A
3A
3A
0.5A
0.5A
I
OUT = 0.5A -> 3A -> 0.5A
I
OUT rise/f all time=10µ s
I
OUT = 0.5A -> 3A -> 0.5A
I
OUT rise/f all time=10µ s
3A
3A
I
L1
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
VIN=12v, L=10
µH (DCR=50mΩ)
C1=10
µF, C4=22µF
V
OUT =5V
V
OUT=5V
V
OUT=3.3V
V
OUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com