Electronic Components Datasheet Search
  English  ▼

X  

APW7080KA Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7080KA
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7080KA Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7080KA Datasheet HTML 1Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 2Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 3Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 4Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 5Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 6Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 7Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 8Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2008
APW7080
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
4A, 26V, 380kHz, Asynchronous Step-Down Converter
Features
•
Wide Input Voltage from 4.5V to 26V
•
Output Current up to 4A
•
Adjustable Output Voltage from 0.8V to 90%V
IN
- 0.8V Reference Voltage
-
±2.5% System Accuracy
•
80m
Ω Integrated P-Channel Power MOSFET
•
High Efficiency up to 91%
- Pulse-Skipping Mode (PSM) / PWM Mode Operation
•
Current-Mode Operation
- Stable with Ceramic Output Capacitors
- Fast Transient Response
•
Power-On-Reset Monitoring
•
Fixed 380kHz Switching Frequency in PWM Mode
•
Built-in Digital Soft-Start
•
Output Current-Limit Protection with Frequency
Foldback
•
70% Undervoltage Protection
•
Over-Temperature Protection
•
<5
µA Quiescent Current during Shutdown
•
Thermal-Enhanced SOP-8P Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
Applications
General Description
The APW7080 is a 4A, asynchronous, step-down converter
with integrated 80m
Ω P-channel MOSFET. The device,
with current-mode control scheme, can convert 4.5~26V
input voltage to the output voltage adjustable from 0.8 to
90% V
IN to provide excellent output voltage regulation.
The APW7080 regulates the output voltage in automatic
PSM/PWM mode operation, depending on the output
current, for high efficiency operation over light to full load
current.The APW7080 is also equipped with power-on-
reset, soft-start, and whole protections (undervoltage, over
temperature, and current-limit) into a single package. In
shutdown mode, the supply current drops below 5
µA.
This device, available in an 8-pin SOP-8P package,
provides a very compact system solution with minimal
external components and good thermal conductance.
•
LCD Monitor / TV
•
Set-Top Box
•
Portable DVD
•
Wireless LAN
•
ADSL, Switch HUB
•
Notebook Computer
•
Step-down Converters Requiring High Efficiency
and 4A Output Current
Simplified Application Circuit
Output Current, I
OUT (A)
R2
1%
LX
EN
VIN
GND
COMP
U1
APW7080
FB
UGND
V
OUT
+3.3V
L1
4A
D1
VCC
C3
C2
V
IN
+12
C1
10
µF
C5
R4
C6
C4
22
µF
R1
1%
V
IN
C7
(Optional)
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
V
OUT =5V
V
OUT =3.3V


Similar Part No. - APW7080KA

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7083QBI-TRG ANPEC-APW7083QBI-TRG Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7085KI-TRG ANPEC-APW7085KI-TRG Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - APW7080KA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3454 EUTECH-EUP3454 Datasheet
125Kb / 1P
2A,16V,380KHz Step-Down Converter
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
APW7085 ANPEC-APW7085 Datasheet
499Kb / 24P
2A, 26V, 380kHz, Asynchronous Step-Down Converter
APW7089 ANPEC-APW7089 Datasheet
569Kb / 24P
4A, 26V, 380kHz, Asynchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9710 FITIPOWER-FR9710 Datasheet
959Kb / 12P
23V, 2A, 380KHz Asynchronous Step-Down DC/DC Converter
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com