Electronic Components Datasheet Search
  English  ▼

X  

APW7080KA Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7080KA
Description  4A, 26V, 380kHz, Asynchronous Step-Down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7080KA Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7080KA Datasheet HTML 1Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 2Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 3Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 4Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 5Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 6Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 7Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 8Page - Anpec Electronics Coropration APW7080KA Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2008
APW7080
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW7080
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START, ENABLE, AND INPUT CURRENTS (Cont.)
P-channel Power MOSFET
Leakage Current
VEN = 0V, VLX = 0V, VIN = 26V
-
-
4
µA
IFB
FB Pin Input Current
VFB = 0.8V
-100
-
+100
nA
IEN
EN Pin Input Current
VEN < 3V
-500
-
+500
nA
Refer to the typical application circuits. These specifications apply over V
IN=12V, VOUT=3.3V and TA= -40 ~ 85
oC, unless otherwise
specified. V
CC is regulated by an internal regulator. Typical values are at TA=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com