Electronic Components Datasheet Search
  English  ▼

X  

M61520FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61520FP
Description  6ch Electronic Volume with Tone Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61520FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61520FP Datasheet HTML 3Page - Renesas Technology Corp M61520FP Datasheet HTML 4Page - Renesas Technology Corp M61520FP Datasheet HTML 5Page - Renesas Technology Corp M61520FP Datasheet HTML 6Page - Renesas Technology Corp M61520FP Datasheet HTML 7Page - Renesas Technology Corp M61520FP Datasheet HTML 8Page - Renesas Technology Corp M61520FP Datasheet HTML 9Page - Renesas Technology Corp M61520FP Datasheet HTML 10Page - Renesas Technology Corp M61520FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 7 of 15
♦
Setting just after power
is turned on
(1) Input selector setting
(7) SL/SR/C ch output gain amp setting
(15) Mute-all setting
INPUT SEL.
D4A
D5A
D6A
SL/SR/C GAIN AMP D6B
ALL MUTE
1
0
0
0
♦
0
0
♦
No MUTE
2
0
0
1
+6dB
1
ALL MUTE
3
0
1
0
4
0
1
1
(8) SW ch output gain amp setting
(16) Microphone mute setting
5
1
0
0
SW GAIN AMP
D7B
MIC MUTE
6
1
0
1
♦
+6dB
0
THRU
♦
MUTE
1
1
1
+10dB
1
♦
MUTE
(2) Input ATT setting
(9) Output port 1 setting
(17) RECOUT2 mute setting
INPUT ATT
D7A
D8A
D9A
PORT1
D8B
REC2 MUTE
♦
-8dB
0
0
0
♦
PORT1 OFF
0
♦
THRU
-13 dB
0
0
1
PORT1 ON
1
MUTE
-4.4 dB
0
1
0
-9.4 dB
0
1
1
(10) Output port 2 setting
(18) Bass-boost setting
-11.6 dB
1
0
0
PORT2
D9B
BASS BOOST
-16.6 dB
1
0
1
♦
PORT2 OFF
0
♦
No Boost
PORT2 ON
1
Boost ON
(3) REC input gain amp setting
REC IN GAIN
D10A
D11A
(11) Output port 3 setting
♦
+1 dB
0
0
PORT3
D10B
+3 dB
0
1
♦
PORT3 OFF
0
+4.6 dB
1
0
PORT3 ON
1
+6.6 dB
1
1
(12) Output port 4 setting
(4) FL/FR ch input gain amp setting
PORT4
D11B
FL/FR IN GAIN
D12A
♦
PORT4 OFF
0
♦
0 dB
0
PORT4 ON
1
+3.6 dB
1
(13) Output port 5 setting
(5) SL/SR/C/SW ch input gain amp setting
PORT5
D12B
SL/SR/C/SW IN GAIN
D13A
♦
PORT5 OFF
0
♦
0 dB
0
PORT5 ON
1
+3.6 dB
1
(14) Output port 6 setting
PORT6
D13B
♦
PORT6 OFF
0
PORT6 ON
1
(6) MIC mixing gain, FL/FR ch output gain setting
MIC MIX GAIN
FL/FR GAIN AMP
D4B
D5B
♦
0 dB
0 dB
0
0
-2 dB
+2 dB
0
1
-6.5 dB
+6.5 dB
1
0
-10.5 dB
+10.5 dB
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com