Electronic Components Datasheet Search
  English  ▼

X  

M61520FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61520FP
Description  6ch Electronic Volume with Tone Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61520FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61520FP Datasheet HTML 1Page - Renesas Technology Corp M61520FP Datasheet HTML 2Page - Renesas Technology Corp M61520FP Datasheet HTML 3Page - Renesas Technology Corp M61520FP Datasheet HTML 4Page - Renesas Technology Corp M61520FP Datasheet HTML 5Page - Renesas Technology Corp M61520FP Datasheet HTML 6Page - Renesas Technology Corp M61520FP Datasheet HTML 7Page - Renesas Technology Corp M61520FP Datasheet HTML 8Page - Renesas Technology Corp M61520FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev.1.0, Sep.19.2003, page 1 of 15
M61520FP
6ch Electronic Volume with Tone Control
REJ03F0057-0100Z
Rev.1.0
Sep.19.2003
Features
Function names
Features
Volume
Six independent high-performance independent volumes on-chip (0 to 87 dB in 1 dB steps, -
∞)
Input selector
L/R ch: 6 inputs with muting and attenuation
REC output
Two-channel record output (one channel includes a mute switch)
Gain control
Input gain control for FL, FR, C, SL, SR, and SW channels (0/3.6 dB)
Record-input gain control (+1/+3/+4.6/+6.6 dB)
Output gain control for SL, SR and C channels (0/+6 dB)
Output gain control for the SW channel (+6/+10 dB)
Output gain control for FL and FR channels (0/+2/+6.5/+10.5 dB) *1
Microphone-mix gain control (0/-2/+6.5/+10.5 dB) *1
Bass boost
On-chip bass-boost circuits for the FL and FR channels
Balanced output
Internal balanced outputs for the ADC
Note: 1 The microphone mix gain is coupled with output gain control for the FL and FR channels.
Application
Mini-component systems, TVs, etc.
Recommended Operating Conditions
Analog power-supply voltage range: 8.0 V to 10.0 V
Digital power-supply voltage range: 3.0 V to 5.5 V


Similar Part No. - M61520FP

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61521SFCN MTRONPTI-M61521SFCN Datasheet
1Mb / 7P
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521SFSN MTRONPTI-M61521SFSN Datasheet
1Mb / 7P
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521STCN MTRONPTI-M61521STCN Datasheet
1Mb / 7P
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
M61521STSN MTRONPTI-M61521STSN Datasheet
1Mb / 7P
5.0 x 7.0 mm, 3.0, 3.3 & 5.0 V, HCMOS or Clipped Sine Wave, Precision TCXO/TCVCXO
logo
Renesas Technology Corp
M61522FP RENESAS-M61522FP Datasheet
230Kb / 18P
8ch ELECTRONIC VOLUME WITH 8 INPUT SELECTOR
More results

Similar Description - M61520FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
List of Unclassifed Man...
REJ03F0057_M61520FP ETC-REJ03F0057_M61520FP Datasheet
244Kb / 16P
6ch Electronic Volume with Tone Control
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
6ch Electronic Volume with Tone Control
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
6ch Electronic Volume with Tone Control
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
6ch Electronic Volume with 4 Input Selector
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
6ch Electronic Volume with Tone Control
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
6CH ELECTRONIC VOLUME CONTROLLER
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
6ch Electronic Volume
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com