Electronic Components Datasheet Search
  English  ▼

X  

M61520FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61520FP
Description  6ch Electronic Volume with Tone Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61520FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61520FP Datasheet HTML 8Page - Renesas Technology Corp M61520FP Datasheet HTML 9Page - Renesas Technology Corp M61520FP Datasheet HTML 10Page - Renesas Technology Corp M61520FP Datasheet HTML 11Page - Renesas Technology Corp M61520FP Datasheet HTML 12Page - Renesas Technology Corp M61520FP Datasheet HTML 13Page - Renesas Technology Corp M61520FP Datasheet HTML 14Page - Renesas Technology Corp M61520FP Datasheet HTML 15Page - Renesas Technology Corp M61520FP Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 12 of 15
(5) Equivalent Circuit for the Bass-Boost Circuit
Input
Output
+
-
Switching-noise
reduction circuit
SEL
G0
f0
0dB
Q=4 (G=10dB)
Positive-feedback second-order high-pass filter circuit for the bass-boost module
VIN
VOUT
C1
C2
R2
+K
R1
Amplitude characteristics of the second-order high-pass filter
Q
G0
1
0 to 1dB
2
6dB
4
10dB
5
13dB
10
20dB
The transfer function is described by the following expressions:
VOUT
Ks2
ωo2 =
Q =
s2 + s
VIN
1
R2C1
R1C1
R1C2
R2C2
R2C2
R2C1
R1C1
R1C1
R2C2
+ (1-K)
+ (1-K)
+
++
11
R1R2C1C2
1
R1R2C1C2
1
1
=
The bass-boost module includes the above positive-feedback second-order high-pass filter.
In the above figure, when R1 = 1.2 k
Ω, R2 = 470 kΩ, and C1 = C2 = 0.1 µF (K = +1),
Fo = 70 Hz (f0 =
ωo/2π), Q = 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com