Electronic Components Datasheet Search
  English  ▼

X  

M56733AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M56733AFP
Description  3-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M56733AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M56733AFP Datasheet HTML 1Page - Renesas Technology Corp M56733AFP Datasheet HTML 2Page - Renesas Technology Corp M56733AFP Datasheet HTML 3Page - Renesas Technology Corp M56733AFP Datasheet HTML 4Page - Renesas Technology Corp M56733AFP Datasheet HTML 5Page - Renesas Technology Corp M56733AFP Datasheet HTML 6Page - Renesas Technology Corp M56733AFP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
M56733AFP
Rev.1.00, Sep.22.2003, page 4 of 6
Electrical Characteristics
(unless otherwise noted, Ta = 25°C, VCC = 5.0 V,)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ICCH
Circuit Current
When the circuit is switched on.
Excludes the injector current.
918
28
mA
ICCL
Circuit Current
When only the minimal circuit is
switched on.
—
—
300
µA
IINHA
Current input to the Hall amplifier
—
0.4
4.0
µA
VN
Voltage when the output is at the
mid-phase point
5.1
6.3
7.1
V
∆VN
Difference of voltage when the
output is at the mid-phase point
——
0.2
V
Vsat
Saturation output voltage
Io = 0.7 A, sum of upper and lower
transistors
—2.8
3.2
V
VTH
Control-input reference voltage
FLT-pin voltage for which motor
rotates
1.05
1.20
1.35
V
Source side
16.65
18.05
25.10
dB
Sink side
20.82
23.80
26.81
dB
GV
Voltage gain between control
input and output
Source and sink sides
26.00
28.00
30.00
dB
∆GV
Difference of voltage-gain
between phases
——
2
dB
Vref
Error amplifier reference voltage
Intermediate level of discriminator
output is measured
2.0
2.2
2.4
V
IIN
•E
Error amplifier input current
–0.2
–0.02
µA
VO
•E
Error amplifier output level
High
2.2
2.5
3.1
V
Low
0.6
0.8
1.05
V
VCL
Current-limiting reference voltage
The RF pin voltage when voltage on
the FLT pin falls below 1.5 V. No
load.
0.36
0.40
0.44
V
VIN
Function- input threshold voltage
High
2.5
—
—
V
Low
Pins 6 and 13
——
0.1
V
VIN = 12 V, pin 6
500
700
1000
V
IIN
Current input to the function-input
pins
VIN 0 V, pin 13
–150
–100
–70
V
Vinj
Injector pin voltage
0.6
0.9
1.5
V
VoDSC
Discriminator output level
High
4.1
4.8
5.3
V
Low
0.5
0.8
1.2
V
∆T
Discriminator count error
+: Deceleration side
-: Acceleration side
fosc = 492 kHz
–6
1
6
µA
fosc
Oscillation frequency
fosc = 492 kHz
–0.2
—
0.2
%
IinjMAX
Injector max. operating current
fosc = 492 kHz
25
—
—
mA
IinjMIN
Injector min. operating current
fosc = 492 kHz
—
—
4
mA
VOLFG
FG amplifier output low level
(monitor)
IL = 200
µA—
0.1
0.2
V
I1FG
FG amplifier output pin leakage
current (monitor)
When 12 V is applied
—
—
1.0
µA
IINMOD
Current input to the MOD pin
When 12 V is applied
435
565
800
µA
When 0 V is applied
–75
–98
–140
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com