Electronic Components Datasheet Search
  English  ▼

X  

M56733AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M56733AFP
Description  3-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M56733AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M56733AFP Datasheet HTML 1Page - Renesas Technology Corp M56733AFP Datasheet HTML 2Page - Renesas Technology Corp M56733AFP Datasheet HTML 3Page - Renesas Technology Corp M56733AFP Datasheet HTML 4Page - Renesas Technology Corp M56733AFP Datasheet HTML 5Page - Renesas Technology Corp M56733AFP Datasheet HTML 6Page - Renesas Technology Corp M56733AFP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
M56733AFP
Rev.1.00, Sep.22.2003, page 5 of 6
Application Example
X
(Oscillator)
1=492kHz
Notes:
1. Values for elements marked * (asterisk) must be selected to prevent oscillation.
2. R1 is used to boost the injection current. Select a suitable value.
3. Select an element of suitable value as required to adjust the gain.
4. Enable function
5. Mode function
EN
Lo
Hi
EN
Lo
DISABLE
ENABLE
Hi
DISABLE
DISABLE
FG synchronization
frequency
Mode pin
Lo
(MOD
≤ 0.8V) fosc/1640Hz
M
(Open)
fosc/820Hz
Hi
(MOD V 2.6V)
fosc/ (4100/3) Hz
36
1
35
2
34
3
33
4
32
5
31
6
30
7
29
8
28
9
27
10
26
11
25
12
24
13
23
14
22
15
21
16
20
17
19
18
R7
R6
UV
W
*R 8
*C 11
*R 9
*C 12
*R 10
VCC
C1
+
+
C2
C4
C5
C7
C8
C9
C10
R4
R3
R5
C6
X1
R2
C3
M56733AFP
FG
FG
Moni
EN
EN
MOD
R1
*C 13
R1=5.1k
R2=510
R3=47k
R4=180k
R5=1.2k
R6=0.5
R7=1.2k
R8=4.7
R9=4.7
R10=4.7
C1=33 F
C2=0.47 F
C3=10 F
C4=0.01 F
C5=165pF
C6=56pF
C7=165pF
C8=1 F
C9=0.01 F
C10=0.1 F
C11=0.1 F
C12=0.1 F
C13=0.1 F
(Individual values)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com