Electronic Components Datasheet Search
  English  ▼

X  

M56733AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M56733AFP
Description  3-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M56733AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M56733AFP Datasheet HTML 1Page - Renesas Technology Corp M56733AFP Datasheet HTML 2Page - Renesas Technology Corp M56733AFP Datasheet HTML 3Page - Renesas Technology Corp M56733AFP Datasheet HTML 4Page - Renesas Technology Corp M56733AFP Datasheet HTML 5Page - Renesas Technology Corp M56733AFP Datasheet HTML 6Page - Renesas Technology Corp M56733AFP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M56733AFP
Rev.1.00, Sep.22.2003, page 3 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Symbol
Parameter
Test conditions
Ratings
Unit
VCC
Power-supply voltage
15
V
IO
Output current
1.0
A
VHD
Hall amplifier differential input
voltages
Between pins 21 and 22, 23
and 24, and 32 and 3
5V
VIN
Voltage applied to pins
6, 13, 21 to 24, 32, 33
(pin numbers)
0 to Vcc
V
fIN
Clock frequency
1000
kHz
Pt
Allowable dissipation
Infinite heat sink
4.5
A
K
θ
Thermal derating range
Infinite heat sink
27.8
°C/W
Tj
Junction temperature
150
°C
Topr
Ambient operating temperature
–20 to 75
°C
Tstg
Storage temperature
–40 to 125
°C
Characteristic curves
0
25
50
75
100
125
150
T
Ambient temperature
Thermal derating curve
a
(
°C)
5.0
4.5
0
1.0
2.0
3.0
4.0
Given an infinite heat sink
Not given an infinite
heat sink



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com