Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 74Page - Renesas Technology Corp R8C/19 Datasheet HTML 75Page - Renesas Technology Corp R8C/19 Datasheet HTML 76Page - Renesas Technology Corp R8C/19 Datasheet HTML 77Page - Renesas Technology Corp R8C/19 Datasheet HTML 78Page - Renesas Technology Corp R8C/19 Datasheet HTML 79Page - Renesas Technology Corp R8C/19 Datasheet HTML 80Page - Renesas Technology Corp R8C/19 Datasheet HTML 81Page - Renesas Technology Corp R8C/19 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 63 of 233
REJ09B0222-0130
10.4
Power Control
There are three power control modes. All modes other than wait mode and stop mode are referred to as
standard operating mode.
10.4.1
Standard Operating Mode
Standard operating mode is further separated into four modes.
In standard operating mode, the CPU clock and the peripheral function clock are supplied to operate
the CPU and the peripheral function clocks. Power consumption control is enabled by controlling the
CPU clock frequency. The higher the CPU clock frequency, the more processing power increases.
The lower the CPU clock frequency, the more power consumption decreases. When unnecessary
oscillator circuits stop, power consumption is further reduced.
Before the clock sources for the CPU clock can be switched over, the new clock source needs to be
oscillating and stable. If the new clock source is the main clock, allow sufficient wait time in a
program until oscillation is stabilized before exiting.
NOTE:
1. The low-speed on-chip oscillator is used as the on-chip oscillator clock when the CM14 bit in the
CM1 register is set to 0 (low-speed on-chip oscillator on) and the HRA01 bit in the HRA0 register is
set to 0. The high-speed on-chip oscillator is used as the on-chip oscillator clock when the HRA00
bit in the HRA0 register is set to 1 (high-speed on-chip oscillator A on) and the HRA01 bit in the
HRA0 register is set to 1.
Table 10.2
Settings and Modes of Clock Associated Bits
Modes
OCD Register
CM1 Register
CM0 Register
OCD2
CM17, CM16
CM13
CM06
CM05
High-speed mode
0
00b
1
0
0
Medium-
speed
mode
Divide-by-2
001b
1
00
Divide-by-4
010b
1
00
Divide-by-8
0
−
1
10
Divide-by-16
011b
1
00
High-speed,
low-speed
on-chip
oscillator
mode(1)
No division
1
00b
−
0
−
Divide-by-2
1
01b
−
0
−
Divide-by-4
1
10b
−
0
−
Divide-by-8
1
−−
1
−
Divide-by-16
1
11b
−
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com