Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 96Page - Renesas Technology Corp R8C/19 Datasheet HTML 97Page - Renesas Technology Corp R8C/19 Datasheet HTML 98Page - Renesas Technology Corp R8C/19 Datasheet HTML 99Page - Renesas Technology Corp R8C/19 Datasheet HTML 100Page - Renesas Technology Corp R8C/19 Datasheet HTML 101Page - Renesas Technology Corp R8C/19 Datasheet HTML 102Page - Renesas Technology Corp R8C/19 Datasheet HTML 103Page - Renesas Technology Corp R8C/19 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 257 page
background image
R8C/18 Group, R8C/19 Group
12. Interrupts
Rev.1.30
Apr 14, 2006
Page 85 of 233
REJ09B0222-0130
12.2
INT Interrupt
12.2.1
INT0 Interrupt
The INT0 interrupt is generated by an INT0 input. When using the INT0 interrupt, the INT0EN bit in
the INTEN register is set to 1 (enable). The edge polarity is selected using the INT0PL bit in the
INTEN register and the POL bit in the INT0IC register.
Inputs can be passed through a digital filter with three different sampling clocks.
The INT0 pin is shared with the external trigger input pin of timer Z.
Figure 12.11 shows Registers INTEN and INT0F.
Figure 12.11
Registers INTEN and INT0F
INT0
______
Input Filter Select Register
Symbol
Address
After Reset
INT0F
001Eh
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
input filter select bits
—
(b7-b3)
—
(b2)
Set to 0.
0
RW
Reserved bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b1 b0
0 0 : No filter
0 1 : Filter w ith f1 sampling
1 0 : Filter w ith f8 sampling
1 1 : Filter w ith f32 sampling
—
b3 b2 b1 b0
b7 b6 b5 b4
INT0F0
RW
INT0F1
RW
External Input Enable Register
Symbol
Address
After Reset
INTEN
0096h
00h
Bit Symbol
Bit Name
Function
RW
INT0
_____
input enable bit(1)
INT0
_____
input polarity select bit(2, 3)
NOTES:
1.
2.
3.
0
—
(b7-b2)
Set the INT0EN bit w hile the INOSTG bit in the PUM register is set to 0 (one-shot trigger disabled).
b3 b2 b1 b0
b7 b6 b5 b4
000
RW
00
RW
INT0EN
When setting the INT0PL bit to 1 (both edges), set the POL bit in the INT0IC register to 0 (selects falling edge).
The IR bit in the INT0IC register may be set to 1 (requests interrupt) w hen the INT0PL bit is rew ritten. Refer to 12.5.5
Changing Interrupt Sources.
0 : Disable
1 : Enable
0 : One edge
1 : Both edges
Set to 0.
Reserved bits
RW
INT0PL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com