Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 78Page - Renesas Technology Corp R8C/19 Datasheet HTML 79Page - Renesas Technology Corp R8C/19 Datasheet HTML 80Page - Renesas Technology Corp R8C/19 Datasheet HTML 81Page - Renesas Technology Corp R8C/19 Datasheet HTML 82Page - Renesas Technology Corp R8C/19 Datasheet HTML 83Page - Renesas Technology Corp R8C/19 Datasheet HTML 84Page - Renesas Technology Corp R8C/19 Datasheet HTML 85Page - Renesas Technology Corp R8C/19 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 257 page
background image
R8C/18 Group, R8C/19 Group
10. Clock Generation Circuit
Rev.1.30
Apr 14, 2006
Page 67 of 233
REJ09B0222-0130
Figure 10.8 shows the State Transitions in Power Control.
Figure 10.8
State Transitions in Power Control
There are six power control modes.
(1) High-speed mode
(2) Medium-speed mode
(3) High-speed on-chip oscillator mode
(4) Low-speed on-chip oscillator mode
(5) Wait mode
(6) Stop mode
CM05: Bit in CM0 register
CM10, CM13, CM14: Bits in CM1 register
OCD2: Bit in OCD register
HRA00, HRA01: Bits in HRA0 register
High-speed mode,
medium-speed mode
High-speed on-chip
oscillator mode
OCD2 = 0
CM05 = 0
CM13 = 1
OCD2 = 1
HRA01 = 1
HRA00 = 1
Reset
Wait mode
Stop mode
Interrupt
CM10 = 1
(a
ll oscillators stop)
Interrupt
WAIT
instruction
OCD2 = 1
HRA01 = 0
CM14 = 0
Low-speed on-chip
oscillator mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com