Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 218Page - Renesas Technology Corp R8C/19 Datasheet HTML 219Page - Renesas Technology Corp R8C/19 Datasheet HTML 220Page - Renesas Technology Corp R8C/19 Datasheet HTML 221Page - Renesas Technology Corp R8C/19 Datasheet HTML 222Page - Renesas Technology Corp R8C/19 Datasheet HTML 223Page - Renesas Technology Corp R8C/19 Datasheet HTML 224Page - Renesas Technology Corp R8C/19 Datasheet HTML 225Page - Renesas Technology Corp R8C/19 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 257 page
background image
R8C/18 Group, R8C/19 Group
18. Electrical Characteristics
Rev.1.30
Apr 14, 2006
Page 207 of 233
REJ09B0222-0130
NOTES:
1.
This condition is not applicable when using with Vcc
≥ 1.0 V.
2.
When turning power on after the time to hold the external power below effective voltage (Vpor1) exceeds10 s, refer to Table
18.9 Reset Circuit Electrical Characteristics (When Not Using Voltage Monitor 1 Reset)
.
3.
tw(por2) is the time to hold the external power below effective voltage (Vpor2).
NOTES:
1.
When not using voltage monitor 1, use with Vcc
≥ 2.7 V.
2.
tw(por1) is the time to hold the external power below effective voltage (Vpor1).
Figure 18.3
Reset Circuit Electrical Characteristics
Table 18.8
Reset Circuit Electrical Characteristics (When Using Voltage Monitor 1 Reset)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor2
Power-on reset valid voltage
-20
°C ≤ Topr ≤ 85°C
−−
Vdet1
V
tw(Vpor2-Vdet1) Supply voltage rising time when power-on reset is
deasserted(1)
-20
°C ≤ Topr ≤ 85°C,
tw(por2)
≥ 0s(3)
−−
100
ms
Table 18.9
Reset Circuit Electrical Characteristics (When Not Using Voltage Monitor 1 Reset)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor1
Power-on reset valid voltage
-20
°C ≤ Topr ≤ 85°C
−−
0.1
V
tw(Vpor1-Vdet1)
Supply voltage rising time when power-on reset is
deasserted
0
°C ≤ Topr ≤ 85°C,
tw(por1)
≥ 10 s(2)
−−
100
ms
tw(Vpor1-Vdet1)
Supply voltage rising time when power-on reset is
deasserted
-20
°C ≤ Topr < 0°C,
tw(por1)
≥ 30 s(2)
−−
100
ms
tw(Vpor1-Vdet1)
Supply voltage rising time when power-on reset is
deasserted
-20
°C ≤ Topr < 0°C,
tw(por1)
≥ 10 s(2)
−−
1ms
tw(Vpor1-Vdet1)
Supply voltage rising time when power-on reset is
deasserted
0
°C ≤ Topr ≤ 85°C,
tw(por1)
≥ 1 s(2)
−−
0.5
ms
NOTES:
1. Hold the voltage inside the MCU operation voltage range (Vccmin or above) within the sampling time.
2. The sampling clock can be selected. Refer to 7. Voltage Detection Circuit for details.
3. Vdet1 indicates the voltage detection level of the voltage detection 1 circuit. Refer to 7. Voltage Detection Circuit for details.
Vdet1(3)
Vpor1
Internal
reset signal
(“L” valid)
tw(por1)
tw(Vpor1–Vdet1)
Sampling time(1, 2)
Vdet1(3)
1
fRING-S
× 32
1
fRING-S
× 32
Vpor2
Vccmin
tw(por2) tw(Vpor2–Vdet1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com