Electronic Components Datasheet Search
  English  ▼

X  

SH7145 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7145
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144 Series
PDF  930 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7145 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7145 Datasheet HTML 93Page - Renesas Technology Corp SH7145 Datasheet HTML 94Page - Renesas Technology Corp SH7145 Datasheet HTML 95Page - Renesas Technology Corp SH7145 Datasheet HTML 96Page - Renesas Technology Corp SH7145 Datasheet HTML 97Page - Renesas Technology Corp SH7145 Datasheet HTML 98Page - Renesas Technology Corp SH7145 Datasheet HTML 99Page - Renesas Technology Corp SH7145 Datasheet HTML 100Page - Renesas Technology Corp SH7145 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 930 page
background image
4. Clock Pulse Generator
CPG0111A_010120030800
Rev.4.00 Mar. 27, 2008 Page 53 of 882
REJ09B0108-0400
Section 4 Clock Pulse Generator
This LSI has an on-chip clock pulse generator (CPG) that generates the system clock (
φ) and the
peripheral clock (P
φ), and then makes internal clock (φ/2 to φ/8192 and Pφ/2 to Pφ/1024) out of
this generated clock. The CPG consists of an oscillator, PLL circuit, and pre-scaler. A block
diagram of the clock pulse generator is shown in figure 4.1. The frequency from the oscillator can
be modified by the PLL circuit.
PLLCAP
EXTAL
XTAL
MD2
MD3
Pre-scaler
Pre-scaler
Oscillator
for internal circuit
PLL circuit
Clock divider
(
× 1/2)
Clock mode
control circuitry
φ/2 to
φ/8192
P
φ/2 to
P
φ/1024
φ
CK
P
φ
Figure 4.1 Block Diagram of Clock Pulse Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com