Electronic Components Datasheet Search
  English  ▼

X  

SH7145 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7145
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144 Series
PDF  930 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7145 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7145 Datasheet HTML 28Page - Renesas Technology Corp SH7145 Datasheet HTML 29Page - Renesas Technology Corp SH7145 Datasheet HTML 30Page - Renesas Technology Corp SH7145 Datasheet HTML 31Page - Renesas Technology Corp SH7145 Datasheet HTML 32Page - Renesas Technology Corp SH7145 Datasheet HTML 33Page - Renesas Technology Corp SH7145 Datasheet HTML 34Page - Renesas Technology Corp SH7145 Datasheet HTML 35Page - Renesas Technology Corp SH7145 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 930 page
background image
Rev.4.00 Mar. 27, 2008 Page xxxii of xliv
REJ09B0108-0400
Figure 13.22 Normal Smart Card Interface Data Format ........................................................... 452
Figure 13.23 Direct Convention (DIR = SINV = O/
E = 0).........................................................452
Figure 13.24 Inverse Convention (DIR = SINV = O/
E = 1).......................................................453
Figure 13.25 Receive Data Sampling Timing in Smart Card Interface Mode
(Using Clock of 372 Times Bit Rate).................................................................... 454
Figure 13.26 Retransfer Operation in SCI Transmit Mode......................................................... 457
Figure 13.27 TEND Flag Generation Timing in Transmit Operation......................................... 457
Figure 13.28 Example of Transmit Processing Flow.................................................................. 458
Figure 13.29 Timing for Fixing Clock Output Level.................................................................. 459
Figure 13.30 Example of Clocked Synchronous Transmission with DMAC/DTC .................... 464
Section 14 I
2C Bus Interface (IIC) Option
Figure 14.1 A Block Diagram of the I
2C Bus Interface .............................................................. 469
Figure 14.2 Example of the Connection of I
2C Bus Interfaces
(This LSI Is the Master Device).............................................................................. 470
Figure 14.3 I
2C Bus Data Format (I2C Bus Format) ................................................................... 493
Figure 14.4 I
2C Bus Data Format (Serial Format) ...................................................................... 493
Figure 14.5 I
2C Bus Timing........................................................................................................ 494
Figure 14.6 An Example of IIC Initialization Flowchart............................................................ 495
Figure 14.7 Example: Flowchart of Operations in the Master Transmit Mode .......................... 497
Figure 14.8 An Example of the Timing of Operations in Master Transmit Mode
(MLS = WAIT = 0) ................................................................................................. 499
Figure 14.9 An Example of the Stop Condition Issuance Timing in Master Transmit Mode
(MLS = WAIT = 0) ................................................................................................. 500
Figure 14.10 Example: Flowchart of Operations in the Master Receive Mode (HNDS = 1) ..... 502
Figure 14.11 An Example of the Timing of Operations in Master Receive Mode
(MLS = WAIT = 0, HNDS = 1) ............................................................................ 504
Figure 14.12 An Example of the Stop Condition Issuance Timing in Master Receive Mode
(MLS = WAIT = 0, HNDS = 1) ............................................................................ 504
Figure 14.13 Example: Flowchart of Operations in Master Receive Mode
(Multiple Bytes Reception) (WAIT = 1) ............................................................... 505
Figure 14.14 Example: Flowchart of Operations in Master Receive Mode
(One Byte Reception) (WAIT = 1)........................................................................ 506
Figure 14.15 An Example of the Timing of Operations in Master Receive Mode
(MLS = ACKB = 0, WAIT = 1) ............................................................................ 508
Figure 14.16 An Example of the Stop Condition Issuance Timing in Master Receive Mode
(MLS = ACKB = 0, WAIT = 1) ............................................................................ 509
Figure 14.17 Example: Flowchart of Operations in the Slave Receive Mode (HNDS = 1) ....... 510
Figure 14.18 An Example of the Timing of Operations in Slave Receive Mode 1
(MLS = 0, HNDS = 1)........................................................................................... 512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com