Electronic Components Datasheet Search
  English  ▼

X  

M32C80 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M32C80
Description  16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C80 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M32C80 Datasheet HTML 51Page - Renesas Technology Corp M32C80 Datasheet HTML 52Page - Renesas Technology Corp M32C80 Datasheet HTML 53Page - Renesas Technology Corp M32C80 Datasheet HTML 54Page - Renesas Technology Corp M32C80 Datasheet HTML 55Page - Renesas Technology Corp M32C80 Datasheet HTML 56Page - Renesas Technology Corp M32C80 Datasheet HTML 57Page - Renesas Technology Corp M32C80 Datasheet HTML 58Page - Renesas Technology Corp M32C80 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 352 page
background image
Page 36
0
3
3
f
o
5
0
0
2
,
1
0
.
v
o
N
0
0
.
1
.
v
e
R
0
0
1
0
-
1
7
2
0
B
9
0
J
E
R
6. Processor Mode
p
u
o
r
G
0
8
/
C
2
3
M
0 0: Multiplexed bus is not used
0 1: Access the CS2 area using the bus
1 0: Access the CS1 area using the bus
1 1: Access all CS areas using the bus(5)
NOTES:
1. Rewrite the PM0 register after the PRC1 bit in the PRCR register is set to "1"(write enabled).
2. The PM01 and PM00 bits maintain values set before reset, even after software reset or watchdog
timer reset has performed.
3. Do not change the PM01 and PM00 bits to "012" and "112" when the PM07 to PM02 bits are being
rewritten. Set PM07 to PM02 bits, then the PM01 and PM00 bits.
4. The PM04 and PM05 bits are available in memory expansion mode or microprocessor mode.
• Set the PM05 and PM04 bits to "002" in mode 0.
• Do not set the PM05 and PM04 bits to "012" in mode 2.
5. The PM05 and PM04 bits cannot be set to "112" in microprocessor mode since the microcomputer
starts up with separate bus after reset.
When the PM05 and PM04 bits are set to "112" in memory expansion mode, the microcomputer can
access each 64-Kbyte chip-select-assigned address space. The multiplexed bus is not available in
mode 0. The microcomputer accesses the CS0 to CS2 in mode 1, CS0 and CS1 in mode 2 and
CS0 to CS3 in mode 3.
6. No BCLK is output in single-chip mode even if the PM07 bit is set to "0". When a clock output is
terminated in microprocessor mode or memory expansion mode, set the PM07 bit to "1" and the
CM01 and CM00 bits in the CM0 register to "002" (I/O port P53). P53 outputs "L".
7. When the PM07 bit is set to "0" (BCLK output), set the CM01 and CM00 bits to "002".
Symbol
Address
After Reset
PM0
000416
0000 00112
Processor Mode Register 0(1)
RW
RW
RW
RW
RW
RW
RW
RW
RW
b1 b0
b5 b4
0: RD/BHE/WR
1: RD/WRH/WRL
PM00
PM01
PM02
PM03
Software Reset Bit
R/W Mode Select Bit
PM04
PM05
(b6)
0 0: Single-chip mode
0 1: Memory expansion mode(8)
1 0: Do not set to this value
1 1: Microprocessor mode(8)
Set to "0"
PM07
BCLK Output
Disable Bit(6)
Reserved Bit
0: BCLK is output(7)
1: BCLK is not output
The CM01 and CM00 bits in the
CM0 register determine pin functions
The microcomputer is reset when
this bit is set to "1". When read, its
content is "0".
Bit Name
Function
Bit
Symbol
Processor Mode Bit(2, 3)
Multiplexed Bus Space
Select Bit(4)
b7
b6
b5
b4
b3
b2
b1
b0
0
Figure 6.1 PM0 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com